Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1214 Datasheet(PDF) 98 Page - Microchip Technology

Part # CAP1214
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1214 Datasheet(HTML) 98 Page - Microchip Technology

Back Button CAP1214 Datasheet HTML 94Page - Microchip Technology CAP1214 Datasheet HTML 95Page - Microchip Technology CAP1214 Datasheet HTML 96Page - Microchip Technology CAP1214 Datasheet HTML 97Page - Microchip Technology CAP1214 Datasheet HTML 98Page - Microchip Technology CAP1214 Datasheet HTML 99Page - Microchip Technology CAP1214 Datasheet HTML 100Page - Microchip Technology CAP1214 Datasheet HTML 101Page - Microchip Technology CAP1214 Datasheet HTML 102Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 107 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
Revision 1.0 (08-30-10)
98
SMSC CAP1214
DATASHEET
Bits 2 - 0 - DIR_OFF_DLY[2:0] - Determines the Direct behavior mode turn-off delay, which is the
amount of time an LED in Direct behavior mode remains active after it is no longer actuated (such as
after a release has been detected or the drive state has been changed). Available settings are shown
in Table 6.89.
The Direct behavior operation is determined by the combination of programmed Rise Time, Fall Time,
and Off Delay as shown in Figure 6.7 (non-inverted polarity LEDx_POL = 1) and Figure 6.8 (inverted
polarity LEDx_POL = 0).
Table 6.88 Breathe Off Delay Settings
BR_OFF_DLY [2:0
OFF DELAY
21
0
0
0
0
0 (default)
0
0
1
0.25s
01
0
0.5s
0
1
1
0.75s
10
0
1.0s
1
0
1
1.25s
11
0
1.5s
11
1
2.0s
Table 6.89 Direct Off Delay Settings
DIR_OFF_DLY [2:0
OFF DELAY
TOFF_DLY
21
0
0
0
0
0 (default)
00
1
0.5s
01
0
1.0s
01
1
1.5s
10
0
2.0s
10
1
3.0s
11
0
4.0s
11
1
5.0s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com