Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1214 Datasheet(PDF) 69 Page - Microchip Technology

Part # CAP1214
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1214 Datasheet(HTML) 69 Page - Microchip Technology

Back Button CAP1214 Datasheet HTML 65Page - Microchip Technology CAP1214 Datasheet HTML 66Page - Microchip Technology CAP1214 Datasheet HTML 67Page - Microchip Technology CAP1214 Datasheet HTML 68Page - Microchip Technology CAP1214 Datasheet HTML 69Page - Microchip Technology CAP1214 Datasheet HTML 70Page - Microchip Technology CAP1214 Datasheet HTML 71Page - Microchip Technology CAP1214 Datasheet HTML 72Page - Microchip Technology CAP1214 Datasheet HTML 73Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 107 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
SMSC CAP1214
69
Revision 1.0 (08-30-10)
DATASHEET
Bits 3-2 - SLIDE_TIME[1:0] - (default 01b) - Determines how fast a slide must be to generate extra
interrupts. This is the maximum slide time that will result in extra interrupts being generated. If the slide
time is greater than SLIDE_TIME, no extra interrupts will be generated.
Bits 1 - 0 - RPT_SCALE[1:0] - (default 01b) - Determines how much to increase the Repeat Rate
based on slide speed. The slide speed is determined by counting how many sensors are touched in
approximately 100msec. The Repeat Rate is then increased various amounts based on the
RPT_SCALE parameter.
When read in Table 6.48, the repeat rate given is the number of measurement cycles between
interrupts generated.
Table 6.46 MAX_INT Bit Decode
MAX_INT[2:0]
MAX #
INTERRUPTS
# INTERRUPTS
FOR T < 1/2
SLIDE_TIME
# INTERRUPTS
FOR 1/2 < T <
3/4 SLIDE_TIME
# INTERRUPTS
FOR 3/4 < T <
FULL
SLIDE_TIME
21
0
00
0
0
0
0
0
00
1
1
1
0
0
01
0
2
2
1
0
01
1
3
3
1
0
10
0
4
4
2
1
10
1
5
5
2
1
11
0
6
6
3
1
11
1
7
7
3
1
Table 6.47 SLIDE_TIME Bit Decode
SLIDE_TIME[1:0]
APPROXIMATE SLIDE TIME (MSEC)
10
0
0
350
0
1
560 (default)
1
0
770
1
1
980
Table 6.48 RPT_SCALE Bit Decode
NUMBER OF SENSORS IN
100MSEC
REPEAT RATE (MSEC)
RPT_SCALE[1:0]
00
01
10
11
>=5
35
35
35
35
435
35
35
70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com