Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1214 Datasheet(PDF) 68 Page - Microchip Technology

Part # CAP1214
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1214 Datasheet(HTML) 68 Page - Microchip Technology

Back Button CAP1214 Datasheet HTML 64Page - Microchip Technology CAP1214 Datasheet HTML 65Page - Microchip Technology CAP1214 Datasheet HTML 66Page - Microchip Technology CAP1214 Datasheet HTML 67Page - Microchip Technology CAP1214 Datasheet HTML 68Page - Microchip Technology CAP1214 Datasheet HTML 69Page - Microchip Technology CAP1214 Datasheet HTML 70Page - Microchip Technology CAP1214 Datasheet HTML 71Page - Microchip Technology CAP1214 Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 107 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
Revision 1.0 (08-30-10)
68
SMSC CAP1214
DATASHEET
Bits 5-4 - CS7_LD_TH[1:0] - Controls the lid closure threshold for Capacitive Touch Sensor 7.
Bits 3-2 - CS6_LD_TH[1:0] - Controls the lid closure threshold for Capacitive Touch Sensor 6.
Bits 1-0 - CS5_LD_TH[1:0] - Controls the lid closure threshold for Capacitive Touch Sensor 5.
6.30.3
Lid Closure Threshold 3 Register
The Lid Closure Threshold 3 Register controls the lid closure threshold for Capacitive Touch Sensors
9 - 12.
Bits 7-6 - CS12_LD_TH[1:0] - Controls the lid closure threshold for Capacitive Touch Sensor 12 (one
of the grouped sensors).
Bits 5-4 - CS11_LD_TH[1:0] - Controls the lid closure threshold for Capacitive Touch Sensor 11 (one
of the grouped sensors).
Bits 3-2 - CS10_LD_TH[1:0] - Controls the lid closure threshold for Capacitive Touch Sensor 10 (one
of the grouped sensors).
Bits 1-0 - CS9_LD_TH[1:0] - Controls the lid closure threshold for Capacitive Touch Sensor 9 (one of
the grouped sensors).
6.30.4
Lid Closure Threshold 4 Register
The Lid Closure Threshold 4 Register controls the lid closure threshold for Capacitive Touch Sensors
13 - 14.
Bits 3-2 - CS14_LD_TH[1:0] - Controls the lid closure threshold for Capacitive Touch Sensor 14 (one
of the grouped sensors).
Bits 1-0 - CS13_LD_TH[1:0] - Controls the lid closure threshold for Capacitive Touch Sensor 13 (one
of the grouped sensors).
6.31
Slider Velocity Configuration Register
The Slider Velocity Configuration Register controls the speed sensitive behaviors of the slider, allowing
the number of interrupts to be increased as the slide speed increases.
Bit 7 - ACC_INT_EN - Enables the device to generate extra interrupts after an accelerated slide has
been detected.
‘0’ - The device will not generate extra interrupts during or after the slide has been detected.
‘1’ (default) - The device will generate extra interrupts after an accelerated slide is detected. The
number of extra interrupts generated will be proportional to the speed of the accelerated slide but
will not exceed the maximum number of extra interrupts as determined by the MAX_INT bits.
Bits 6-4 - MAX_INT[2:0] - (default 100b) Determine the maximum number of extra interrupts that will
be generated after a single slide (regardless of length). The variable “T” is the actual slide time and
the parameter SLIDE_TIME is set by bits [3:2] of this register.
Table 6.45 Slider Velocity Configuration Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
3Eh
R/W
Slider Velocity
Configuration
ACC_
INT_EN
MAX_INT[2:0]
SLIDE_TIME
[1:0]
RPT_SCALE
[1:0]
C5h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com