Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1214 Datasheet(PDF) 73 Page - Microchip Technology

Part # CAP1214
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1214 Datasheet(HTML) 73 Page - Microchip Technology

Back Button CAP1214 Datasheet HTML 69Page - Microchip Technology CAP1214 Datasheet HTML 70Page - Microchip Technology CAP1214 Datasheet HTML 71Page - Microchip Technology CAP1214 Datasheet HTML 72Page - Microchip Technology CAP1214 Datasheet HTML 73Page - Microchip Technology CAP1214 Datasheet HTML 74Page - Microchip Technology CAP1214 Datasheet HTML 75Page - Microchip Technology CAP1214 Datasheet HTML 76Page - Microchip Technology CAP1214 Datasheet HTML 77Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 107 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
SMSC CAP1214
73
Revision 1.0 (08-30-10)
DATASHEET
6.35
Proximity Control Register
The Proximity Control Register controls sensitivity settings for CS1.
Bit 7 - CS1_PROX - Determines the functionality of the CS1 channel.
‘0’ (default) - The CS1 channel is not measuring proximity. It will use the standard button queue
and data sensitivity controls. The Averaging will be set to a value of ‘1’. Writing to the
PROX_AVG[2:0] bits will change the averaging applied to CS1 (and only CS1).
‘1’ - The CS1 channel is measuring proximity. It will not use the queue. In addition, the CS1 channel
will not use the DELTA_SHIFT[2:0] sensitivity settings and will instead use the
PROX_D_SHIFT[2:0] settings. In Proximity mode, the signal is boosted by 8X to detect very small
capacitance changes.
Bit 6 - PROX_SUM - Determines whether the CS1 channel averaging will perform an average or
calculate the sum of the measured channel when comparing the delta count against the threshold.
‘0’ (default) - When configured to detect proximity, the CS1 channel delta counts will be the
average.
‘1’ - When configured to detect proximity, the CS1 channel will sum the results of the averages
rather than report the true average. This value will be compared against the threshold normally.
Note that this mode is intended for very small signal detection. Because the delta count is the
summation of several consecutive measurements, it may become very large. Adjustments to the
sensitivity and threshold values will be required to maintain proper operation.
Bits 5 - 3 - PROX_AVG[1:0] - Determines the averaging value used when CS1 is set to detect
proximity. When averaging is enabled (i.e. not set at a value of ‘1’), the CS1 sensor will be sampled
the average number of times consecutively during the same polling cycle. The delta counts are
summed and then divided by the number of averages to get an average delta which is compared
against the threshold normally.
This will increase the time of the polling cycle linearly with the number of averages taken. As the polling
cycle time is used to set the update rate, repeat rate, and recalibration times, these will likewise
increase. See Table 6.53.
Note 6.4
The Polling time increase is based on the default sampling time as determined by the
Sampling Configuration register (see Section 6.37).
Table 6.52 Proximity Control Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
42h
R/W
Proximity
Control
CS1_
PROX
PROX
_SUM
-
PROX_AVG
[1:0]
PROX_D_SENSE[2:0]
02h
Table 6.53 PROX_AVG Bit Decode
PROX_AVG[1:0]
NUMBER OF DIGITAL
AVERAGES
POLLING CYCLE TIME
INCREASE (SEE Note 6.4)
10
0
0
16 (default)
+38ms
0
1
32
+79ms
1
0
64
+161ms
1
1
128
+325ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com