Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1214 Datasheet(PDF) 79 Page - Microchip Technology

Part # CAP1214
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1214 Datasheet(HTML) 79 Page - Microchip Technology

Back Button CAP1214 Datasheet HTML 75Page - Microchip Technology CAP1214 Datasheet HTML 76Page - Microchip Technology CAP1214 Datasheet HTML 77Page - Microchip Technology CAP1214 Datasheet HTML 78Page - Microchip Technology CAP1214 Datasheet HTML 79Page - Microchip Technology CAP1214 Datasheet HTML 80Page - Microchip Technology CAP1214 Datasheet HTML 81Page - Microchip Technology CAP1214 Datasheet HTML 82Page - Microchip Technology CAP1214 Datasheet HTML 83Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 107 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
SMSC CAP1214
79
Revision 1.0 (08-30-10)
DATASHEET
Bit 3 - CS4_FDBK - Links the CS4 input to the FEEDBACK pin.
Bit 2 - CS3_FDBK - Links the CS3 input to the FEEDBACK pin.
Bit 1 - CS2_FDBK - Links the CS2 input to the FEEDBACK pin.
Bit 0 - CS1_FDBK - Links the CS1 input to the FEEDBACK pin.
6.41.2
Feedback Channel Configuration 2
For all bits in this register:
‘0’ (default) - The sensor input is not linked to the FEEDBACK pin.
‘1’ - The sensor is linked to the FEEDBACK pin and will assert the pin when a touch is detected.
Bit 6 - CS14_FDBK - Links the CS14 input to the FEEDBACK pin.
Bit 5 - CS13_FDBK - Links the CS13 input to the FEEDBACK pin.
Bit 4 - CS12_FDBK - Links the CS12 input to the FEEDBACK pin.
Bit 3 - CS11_FDBK - Links the CS11 input to the FEEDBACK pin.
Bit 2 - CS10_FDBK - Links the CS10 input to the FEEDBACK pin.
Bit 1 - CS9_FDBK - Links the CS9 input to the FEEDBACK pin.
Bit 0 - CS8_FDBK - Links the CS8 input to the FEEDBACK pin.
6.42
Feedback One-Shot Register
The Feedback One-Shot Register allows the application to notify the CAP1214 to assert the
FEEDBACK pin (see Section 5.7, "FEEDBACK Pin"). This register is self-clearing.
APPLICATION NOTE: If the FDBK_DUR[2:0] settings are set at either ‘000b’ or ‘111b’, this one-shot will not
function.
6.43
LED / GPIO Direction Register
The LED / GPIO Direction Register controls the data flow direction for the LED / GPIO pins. Each pin
is controlled by a single bit.
Table 6.62 Feedback One-Shot Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
65h
R/W
Feedback
One-Shot
Writing to this register asserts the FEEDBACK pin for the configured duration
at the configured frequency.
00h
Table 6.63 LED / GPIO Direction Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
70h
R/W
LED / GPIO
Direction
LED8_
DIR
LED7_
DIR
LED6_
DIR
LED5_
DIR
LED4_
DIR
LED3_
DIR
LED2_
DIR
LED1_
DIR
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com