Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1214 Datasheet(PDF) 43 Page - Microchip Technology

Part # CAP1214
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1214 Datasheet(HTML) 43 Page - Microchip Technology

Back Button CAP1214 Datasheet HTML 39Page - Microchip Technology CAP1214 Datasheet HTML 40Page - Microchip Technology CAP1214 Datasheet HTML 41Page - Microchip Technology CAP1214 Datasheet HTML 42Page - Microchip Technology CAP1214 Datasheet HTML 43Page - Microchip Technology CAP1214 Datasheet HTML 44Page - Microchip Technology CAP1214 Datasheet HTML 45Page - Microchip Technology CAP1214 Datasheet HTML 46Page - Microchip Technology CAP1214 Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 107 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
SMSC CAP1214
43
Revision 1.0 (08-30-10)
DATASHEET
re-set when another interrupt is generated in the “DOWN” direction. This bit is automatically cleared if
the UP bit is set.
Bit 5 - CS6 - Indicates that a press was detected on Sensor 6. This sensor can be linked to LED6.
‘0’ - A touch was not detected on the corresponding button.
‘1’ - A touch was detected on the corresponding button.
Bit 4 - CS5 - Indicates that a press was detected on Sensor 5. This sensor can be linked to LED5.
Bit 3 - CS4 - Indicates that a press was detected on Sensor 4. This sensor can be linked to LED4.
Bit 2 - CS3 - Indicates that a press was detected on Sensor 3. This sensor can be linked to LED3
Bit 1 - CS2 - Indicates that a press was detected on Sensor 2. This sensor can be linked to LED2.
Bit 0 - CS1 - Indicates that a press was detected on Sensor 1. This sensor can be linked to LED1.
6.2.2
Button Status 2
Bit 7 - CS14 - Indicates that press was detected on Sensor 14. This sensor is part of the group which
can be linked to LED9 and LED10.
Bit 6 - CS13 - Indicates that press was detected on Sensor 13. This sensor is part of the group which
can be linked to LED9 and LED10.
Bit 5 - CS12 - Indicates that press was detected on Sensor 12. This sensor is part of the group which
can be linked to LED9 and LED10.
Bit 4 - CS11 - Indicates that press was detected on Sensor 11. This sensor is part of the group which
can be linked to LED9 and LED10.
Bit 3 - CS10 - Indicates that press was detected on Sensor 10. This sensor is part of the group which
can be linked to LED9 and LED10.
Bit 2 - CS9 - Indicates that press was detected on Sensor 9. This sensor is part of the group which
can be linked to LED9 and LED10.
Bit 1 - CS8 - Indicates that press was detected on Sensor 8. This sensor is part of the group which
can be linked to LED9 and LED10.
Bit 0 - CS7 - Indicates that a press was detected on Sensor 7. This sensor can be linked to LED7.
6.3
Build Revision Register
The Build Revision Register indicates hardware defined settings that are used.
Table 6.4 Build Revision Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
05h
R
Build Revision
-
-
-
Build4
Build3
Build2
Build1
Build0
10h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com