Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1214 Datasheet(PDF) 12 Page - Microchip Technology

Part # CAP1214
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1214 Datasheet(HTML) 12 Page - Microchip Technology

Back Button CAP1214 Datasheet HTML 8Page - Microchip Technology CAP1214 Datasheet HTML 9Page - Microchip Technology CAP1214 Datasheet HTML 10Page - Microchip Technology CAP1214 Datasheet HTML 11Page - Microchip Technology CAP1214 Datasheet HTML 12Page - Microchip Technology CAP1214 Datasheet HTML 13Page - Microchip Technology CAP1214 Datasheet HTML 14Page - Microchip Technology CAP1214 Datasheet HTML 15Page - Microchip Technology CAP1214 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 107 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
Revision 1.0 (08-30-10)
12
SMSC CAP1214
DATASHEET
Chapter 2 Delta from CAP1114 to CAP1214
2.1
Summary
1. Updated Product ID to 5Ah.
2. Changed pin 24 from N/C to FEEDBACK.
3. Increased RESET Pin release to fully active operation from 400ms typical and 500ms max to
675ms typical and 775ms max (see Table 3.2, "Electrical Specifications").
4. Reduced Time to First Conversion from 400ms typical and 500ms max to 100ms typical and 200ms
max (see Table 3.2, "Electrical Specifications").
5. Added Time to First Valid Detection 675ms typical and 775ms max (see Table 3.2, "Electrical
Specifications").
6. Added Power Supply Rejection ±310 counts / V typical (see Table 3.2, "Electrical Specifications").
7. Added bits 5 and 4 to the Queue Control register (1Eh - see Section 6.12, "Queue Control
Register"). These bits control whether the accumulation of intermediate data and the consecutive
negative delta counts counter are cleared when the noise status bit is set.
8. Added the following registers to implement the new Feedback feature, which enables the CAP1214
to activate an external transducer to send end user feedback in the form of sound or vibration when
a touch is detected: Feedback Configuration (62h - see Section 6.40, "Feedback Configuration
Register"), Feedback Channel Configuration (63h and 64h - see Section 6.41, "Feedback Channel
Configuration Registers"), and Feedback One-Shot (65h - see Section 6.42, "Feedback One-Shot
Register").
9. Added LED11_CFG control as bit 5 of the Configuration 2 register (40h - see Section 6.33,
"Configuration 2 Register"). This controls whether frequency of the LED11 driver is set at ~2000Hz
or is configurable.
10. Added the LED11 Configuration register (8Ah) to determine base frequency and step settings for
LED11.
11. Corrected anomaly where rise rate overrode any non-zero fall rate (Section 6.58, "LED Direct
Ramp Rates Register").
12. Corrected anomaly where Pulse 1 behavior failed on alternate presses when a sensor was linked
to an LED and the Pulse 1 start trigger was set to “release”.
13. Corrected anomaly where the delta counts were not cleared when the RF Detector circuit detected
excessive RF signal on a capacitive sensor input.
14. Pulse 2 behavior modified. The number of pulses after release is the programmed number, not the
programmed number minus one (see Section 6.53, "LED Pulse 2 Period Register").
15. Breathe behavior modified. A breathe off delay control was added to the LED Off Delay Register
(see Section 6.59, "LED Off Delay Register") so the LED can be configured to remain inactive
between breathes.
16. When the device enters the Deep Sleep state, the Slider Position / Volumetric Data Register (06h)
is not cleared, if the register is set to represent volumetric data. If set to represent position
information, the register is cleared.
17. Updated circuitry to improve power supply rejection.
18. Renamed BLK_DIG_NOISE bit to DIS_DIG_NOISE, and renamed BLK_ANA_NOISE bit to
DIS_ANA_NOISE (see Section 6.14, "Configuration Register"). Renamed BLK_RF_NOISE bit to
DIS_RF_NOISE (see Section 6.33, "Configuration 2 Register").



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com