Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1214 Datasheet(PDF) 13 Page - Microchip Technology

Part # CAP1214
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1214 Datasheet(HTML) 13 Page - Microchip Technology

Back Button CAP1214 Datasheet HTML 9Page - Microchip Technology CAP1214 Datasheet HTML 10Page - Microchip Technology CAP1214 Datasheet HTML 11Page - Microchip Technology CAP1214 Datasheet HTML 12Page - Microchip Technology CAP1214 Datasheet HTML 13Page - Microchip Technology CAP1214 Datasheet HTML 14Page - Microchip Technology CAP1214 Datasheet HTML 15Page - Microchip Technology CAP1214 Datasheet HTML 16Page - Microchip Technology CAP1214 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 107 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
SMSC CAP1214
13
Revision 1.0 (08-30-10)
DATASHEET
2.2
Register Delta
Table 2.1 Register Delta
ADDRESS
REGISTER DELTA
DELTA
DEFAULT
1Dh
Added controls
Added bit 5 NO_CLR_INTD and bit 4
NO_CLR_NEG to Queue Control
Register
03h
40h
Added control
Added bit 5 LED11_CFG to Configuration
2 Register
00h
62h
New
Feedback Configuration
00h
63h
New
Feedback Channel Configuration 1
00h
64h
New
Feedback Channel Configuration 2
00h
65h
New
Feedback One-Shot
00h
8Ah
New
LED11 Configuration
00h
95h
Added control
Added bits 6-4 BR_OFF_DLY[2:0] to LED
Off Delay Register
00h
FDh
Changed
Product ID changed.
5Ah



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com