Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1214 Datasheet(PDF) 71 Page - Microchip Technology

Part # CAP1214
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1214 Datasheet(HTML) 71 Page - Microchip Technology

Back Button CAP1214 Datasheet HTML 67Page - Microchip Technology CAP1214 Datasheet HTML 68Page - Microchip Technology CAP1214 Datasheet HTML 69Page - Microchip Technology CAP1214 Datasheet HTML 70Page - Microchip Technology CAP1214 Datasheet HTML 71Page - Microchip Technology CAP1214 Datasheet HTML 72Page - Microchip Technology CAP1214 Datasheet HTML 73Page - Microchip Technology CAP1214 Datasheet HTML 74Page - Microchip Technology CAP1214 Datasheet HTML 75Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 107 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
SMSC CAP1214
71
Revision 1.0 (08-30-10)
DATASHEET
Bit 7 - INV_LINK_TRAN - Determines the behavior of the Linked LED Transition controls (see Section
6.48, "Linked LED Transition Control Registers").
‘0’ (default) - The Linked LED Transition controls set the min duty cycle equal to the max duty cycle.
‘1’ - The Linked LED Transition controls will invert the touch signal. For example, a touch signal
will be inverted to a non-touched signal.
Bit 5 - LED11_CFG - Determines whether LED11 base frequency is configurable.
‘0’ (default) - The PWM base frequency for the LED11 driver is set at ~2000Hz.
‘1’ - The PWM base frequency for the LED11 driver will be configured per settings in the LED11
Configuration Register (8Ah) (see Section 6.56, "LED11 Configuration Register").
Bit 4 - BLK_POL_MIR - Determines whether the LED Mirror Control register bits are linked to the LED
Polarity bits.
‘0’ (default) - When the LED Polarity controls are set, the corresponding LED Mirror control is
automatically set. Likewise, when the LED Polarity controls are cleared, the corresponding LED
Mirror control is cleared.
‘1’ - When the LED Polarity controls are changed, the corresponding LED Mirror control is not
automatically changed.
Bit 3 - SHOW_RF_NOISE - Determines whether the Noise Status bits will show RF Noise as the only
input source.
‘0’ (default) - The Noise Status registers will show both RF noise and low frequency noise if either
is detected on a Capacitive Touch Sensor channel.
‘1’ - The Noise Status registers will only show RF noise if it is detected on a Capacitive Touch
Sensor channel. Generic noise will still be detected and touches will be blocked normally; however,
the status bits will not be updated.
Bit 2 - DIS_RF_NOISE - Determines whether the RF noise filter is enabled. Setting this bit disables
the feature.
‘0’ (default) - If RF noise is detected by the analog block, the delta count on the corresponding
channel is set to 0. Note that this does not require that Noise Status bits be set.
‘1’ - A touch is not blocked even if RF noise is detected.
Bit 1 - VOL_UP_DOWN - Determines how the Grouped Sensors are to be used.
‘0’ (default) - The grouped sensors are used as a slider. All seven of the sensors are sampled
together and may disabled as a whole using the GP_EN (see Section 6.15) or GSLEEP (see
Section 6.22) controls or individually (using the Grouped Sensor Channel Enable register - see
Section 6.34). Alternately, each sensor may be disabled individually via the Group Sensor Channel
Enable register. They will use the Group Threshold settings for all touch detections.
‘1’ - The grouped sensors are used as separate sensors and are not grouped. They will behave
as follows:
1. Each sensor will flag individual interrupts when a touch is detected. They will set the
corresponding status bit in the Button Status 2 register.
2. The UP / DOWN, TAP, or PH status bits will not be set for CS9, CS10, CS11, CS12, or CS13.
No slide will be detected.
3. Each sensor will use the Group Threshold settings.
4. Each sensor can be individually enabled / disabled via the Grouped Sensor Enable register
settings.
5. All sensors except CS8 and CS14 will use the button queue controls and repeat rates.
6. The CS8 and CS14 sensors will use the tap and press and hold logic as well as the group
repeat rate settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com