Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1214 Datasheet(PDF) 57 Page - Microchip Technology

Part # CAP1214
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1214 Datasheet(HTML) 57 Page - Microchip Technology

Back Button CAP1214 Datasheet HTML 53Page - Microchip Technology CAP1214 Datasheet HTML 54Page - Microchip Technology CAP1214 Datasheet HTML 55Page - Microchip Technology CAP1214 Datasheet HTML 56Page - Microchip Technology CAP1214 Datasheet HTML 57Page - Microchip Technology CAP1214 Datasheet HTML 58Page - Microchip Technology CAP1214 Datasheet HTML 59Page - Microchip Technology CAP1214 Datasheet HTML 60Page - Microchip Technology CAP1214 Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 107 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
SMSC CAP1214
57
Revision 1.0 (08-30-10)
DATASHEET
6.19
Calibration Enable Register
The Calibration Enable Register controls whether the indicated Capacitive Touch Sensor input is
automatically re-calibrated. If a sensor is not enabled, the corresponding calibration enable bit is
ignored.
Bit 7- G_CEN - Enables all sensors in the group to be re-calibrated simultaneously.
‘0’ - None of the grouped channels are automatically re-calibrated. They can be re-calibrated
manually by setting the G_CAL bit.
‘1’ (default) - All of the grouped channels are automatically re-calibrated as the CAP1214 samples.
Bit 6 - S7_CEN - Enables the CS7 input to be re-calibrated automatically.
‘0’ - The CS7 input is not automatically re-calibrated.
‘1’ (default) - The CS7 input is automatically re-calibrated as the CAP1214 samples.
Bit 5 - S6_CEN - Enables the CS6 input to be re-calibrated automatically.
Bit 4 - S5_CEN - Enables the CS5 input to be re-calibrated automatically.
Bit 3 - S4_CEN - Enables the CS4 input to be re-calibrated automatically.
Bit 2 - S3_CEN - Enables the CS3 input to be re-calibrated automatically.
Bit 1 - S2_CEN - Enables the CS2 input to be re-calibrated automatically.
Bit 0 - S1_CEN - Enables the CS1 input to be re-calibrated automatically.
6.20
Calibration Activate Registers
The Calibration Activate Registers force the respective sensors to be re-calibrated. When a bit is set,
the corresponding Capacitive Touch Sensor will be re-calibrated and the bit will be automatically
cleared once the re-calibration routine has finished. This calibration routine will update the internal
analog controls and gain settings followed by a digital calibration to capture the base count for touch
detection. During the re-calibration routine, the sensors will not detect a press for up to 600ms and the
Sensor Base Count register values will be invalid. During this time, any press on the corresponding
sensors will invalidate the re-calibration.
Table 6.27 Calibration Enable Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
25h
R/W
Calibration
Enable
G_
CEN
S7_
CEN
S6_
CEN
S5_
CEN
S4_
CEN
S3_
CEN
S2_
CEN
S1_
CEN
FFh
Table 6.28 Calibration Activate Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
26h
R/W
Calibration
Activate
G_
CAL
S7_
CAL
S6_
CAL
S5_
CAL
S4_
CAL
S3_
CAL
S2_
CAL
S1_
CAL
00h
46h
R/W
Grouped
Sensor
Calibration
Activate
S14_
CAL
S13_
CAL
S12_
CAL
S11_
CAL
S10_
CAL
S9_
CAL
S8_
CAL
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com