Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1003-2 Datasheet(PDF) 123 Page - Microchip Technology

Part # UCS1003-2
Description  USB Port Power Controller with Charger Emulation
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1003-2 Datasheet(HTML) 123 Page - Microchip Technology

Back Button UCS1003-2 Datasheet HTML 119Page - Microchip Technology UCS1003-2 Datasheet HTML 120Page - Microchip Technology UCS1003-2 Datasheet HTML 121Page - Microchip Technology UCS1003-2 Datasheet HTML 122Page - Microchip Technology UCS1003-2 Datasheet HTML 123Page - Microchip Technology UCS1003-2 Datasheet HTML 124Page - Microchip Technology UCS1003-2 Datasheet HTML 125Page - Microchip Technology UCS1003-2 Datasheet HTML 126Page - Microchip Technology UCS1003-2 Datasheet HTML 127Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 138 page
background image
 2014-2015 Microchip Technology Inc.
DS20005346B-page 123
UCS1003-1/2/3
10.14 Current-Limiting Behavior
Configuration Registers
10.14.1
APPLIED CURRENT-LIMITING
BEHAVIOR REGISTER
The Applied Current-Limiting Behavior register stores
the values used by the applied Current-Limiting mode
(Trip or CC) when the custom settings are not used.
The contents of this register are updated automatically
when charger emulation is completed.
Name
Bits Address
Cof
Default
Applied Current-Limiting
Behavior
8
50h
R
82h
Custom Current-Limiting
Behavior Configuration
8
51h
R/W
82h
REGISTER 10-48: APPLIED CURRENT-LIMITING BEHAVIOR REGISTER (ADDRESS 50h)(1)
R-1
R-0
U-0
R-0
R-0
R-0
R-1
R-0
SEL_VBUS_MIN<1:0>(1)
—
SEL_R2_IMIN<2:0>(1)
RESERVED
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
SEL_VBUS_MIN<1:0>:
VBUS_MIN Voltage Definition bits
00
= 1.5V
01
= 1.75V
10
= 2.0V
11
= 2.25V
bit 5
Unimplemented:
Read as ‘0’
bit 4-2
SEL_R2_IMIN<2:0>:
IBUS_R2MIN Current Definition bits
000
=120 mA
001
=570 mA
010
=1000 mA
011
=1350 mA
100
=1680 mA
101
=2050 mA
bit 1-0
Reserved:
Do not change
Note 1:
The values specified in this register are typical.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com