Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1003-2 Datasheet(PDF) 126 Page - Microchip Technology

Part # UCS1003-2
Description  USB Port Power Controller with Charger Emulation
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1003-2 Datasheet(HTML) 126 Page - Microchip Technology

Back Button UCS1003-2 Datasheet HTML 122Page - Microchip Technology UCS1003-2 Datasheet HTML 123Page - Microchip Technology UCS1003-2 Datasheet HTML 124Page - Microchip Technology UCS1003-2 Datasheet HTML 125Page - Microchip Technology UCS1003-2 Datasheet HTML 126Page - Microchip Technology UCS1003-2 Datasheet HTML 127Page - Microchip Technology UCS1003-2 Datasheet HTML 128Page - Microchip Technology UCS1003-2 Datasheet HTML 129Page - Microchip Technology UCS1003-2 Datasheet HTML 130Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 138 page
background image
UCS1003-1/2/3
DS20005346B-page 126
 2014-2015 Microchip Technology Inc.
11.2
SMBus Operating Mode
When the COMM_SEL/ILIM pin is connected directly to
ground, or though a pull-down resistor with a value of
33 k
 or below as listed in Table 11-1, the UCS1003-1
communicates via the SMBus or I2C communication
protocols.
11.2.1
SYSTEM MANAGEMENT BUS
In SMBus mode, the UCS1003-1 communicates with a
host controller. The SMBus is a two-wire serial commu-
nication protocol between a computer host and its
peripheral devices. A detailed timing diagram is shown
in Figure 11-1. Stretching of the SMCLK signal is
supported; however, the UCS1003-1 will not stretch the
clock signal.
FIGURE 11-1:
SMBus Timing Diagram.
11.2.1.1
SMBus Start Bit
The SMBus Start bit is defined as a transition of the
SMBus data line from a logic ‘1’ state to a logic ‘0’ state
while the SMBus clock line is in a logic ‘1’ state.
11.2.1.2
SMBus Address and RD/WR Bit
The SMBus address byte consists of the 7-bit client
address followed by the RD/WR indicator bit. If this
RD/WR bit is a logic ‘0’, the SMBus host is writing data
to the client device. If this RD/WR bit is a logic ‘1’, the
SMBus host is reading data from the client device.
The SMBus address is determined based on the resistor
connected on the SEL pin, as shown in Table 11-2.
Note 1:
Upon power-up, the UCS1003-1 will not
respond to any SMBus communications for
5.5 ms. After this time, full functionality is
available.
2:
When in the Sleep state, the first SMBus
read command sent to the UCS1003-1
device address will wake it. Any data sent
to the UCS1003-1 will be ignored and any
data read from the UCS1003-1 should be
considered invalid. The UCS1003-1 will
be fully functional 3 ms after this first read
command is sent. See Section 5.1.2
“Sleep State Operation”
.
SMDATA
SMCLK
TBUF
P
S
S - Start Condition
P - Stop Condition
P
S
THIGH
TLOW
THD:STA
TSU:STO
THD:STA
THD:DAT
TSU:DAT
T SU:STA
T FALL
T RISE
Note:
If it is necessary to connect the SEL pin to
VDD via a resistor, the pull-up resistor may
be any value up to 100 k
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com