Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1003-2 Datasheet(PDF) 127 Page - Microchip Technology

Part # UCS1003-2
Description  USB Port Power Controller with Charger Emulation
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1003-2 Datasheet(HTML) 127 Page - Microchip Technology

Back Button UCS1003-2 Datasheet HTML 123Page - Microchip Technology UCS1003-2 Datasheet HTML 124Page - Microchip Technology UCS1003-2 Datasheet HTML 125Page - Microchip Technology UCS1003-2 Datasheet HTML 126Page - Microchip Technology UCS1003-2 Datasheet HTML 127Page - Microchip Technology UCS1003-2 Datasheet HTML 128Page - Microchip Technology UCS1003-2 Datasheet HTML 129Page - Microchip Technology UCS1003-2 Datasheet HTML 130Page - Microchip Technology UCS1003-2 Datasheet HTML 131Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 138 page
background image
 2014-2015 Microchip Technology Inc.
DS20005346B-page 127
UCS1003-1/2/3
11.2.1.3
SMBus Data Bytes
All SMBus data bytes are sent Most Significant bit
(MSb) first and composed of eight bits of information.
11.2.1.4
SMBus ACK and NACK Bits
The SMBus client will Acknowledge all data bytes that
it receives. This is done by the client device pulling the
SMBus data line low after the eighth bit of each byte
that is transmitted. This applies to both the write byte
and block write protocols.
By holding the SMBus data line high after the eighth data
bit has been sent, the host will NACK (not Acknowledge)
the last data byte to be received from the client. For the
block read protocol, the host will ACK each data byte
that it receives, except the last data byte.
11.2.1.5
SMBus Stop Bit
The SMBus Stop bit is defined as a transition of the
SMBus data line from a logic ‘0’ state to a logic ‘1’ state
while the SMBus clock line is in a logic ‘1’ state. When
the UCS1003-1 detects an SMBus Stop bit, and it has
been communicating with the SMBus protocol, it will
reset its client interface and prepare to receive further
communications.
11.2.1.6
SMBus Time-out and Idle Reset
The UCS1003-1 includes an SMBus time-out feature.
If the clock is held at logic ‘0’ for tTIMEOUT, the device
can time-out and reset the SMBus interface. The
SMBus interface can also reset if both the clock and
data lines are held at a logic ‘1’ for tIDLE_RESET.
Communication is restored with a Start condition. This
functionality defaults to disabled and can be enabled by
clearing the DIS_TO bit in the Emulation Configuration
register (Register 10-9).
11.2.2
SMBUS AND I2C COMPATIBILITY
The major differences between SMBus and I2C devices
are highlighted in this section. For more information, refer
to the SMBus 2.0 and I2C specifications.
• UCS1003-1 supports I2C Fast mode at 400 kHz.
This covers the SMBus maximum time of 100 kHz.
• Minimum frequency for SMBus communications
is 10 kHz.
• The SMBus client protocol will reset if the clock is
held at a logic ‘0’ for longer than 30 ms. This time-
out functionality is disabled by default in the
UCS1003-1 and can be enabled by clearing the
DIS_TO bit. I2C does not have a time-out.
• Except when operating in Sleep mode, the
SMBus client protocol will reset if both the clock
and data lines are held at a logic ‘1’ for longer
than 200 µs (Idle condition). This function is dis-
abled by default in the UCS1003-1 device and
can be enabled by clearing the DIS_TO bit. I2C
does not have an Idle condition.
•I2C devices do not support the Alert Response
Address functionality (which is optional for SMBus).
•I2C devices support block read and write
differently. I2C protocol allows for an unlimited
number of bytes to be sent in either direction. The
SMBus protocol requires that an additional data
byte, indicating the number of bytes to read/write,
is transmitted. The UCS1003-1 supports I2C
formatting only.
TABLE 11-2:
SEL PIN DECODE
Resistor (±5%)
PWR_EN Polarity
SMBus Address
GND
Active-Low
1010_111
(R/W)
10 k
 pull-down
Active-Low
1010_110
(R/W)
12 k
 pull-down
Active-Low
1010_101
(R/W)
15 k
 pull-down
Active-Low
1010_100
(R/W)
18 k
 pull-down
Active-Low
0110_000
(R/W)
22 k
 pull-down
Active-Low
0110_001
(R/W)
27 k
 pull-down
Active-Low
0110_010
(R/W)
33 k
 pull-down
Active-Low
0110_011
(R/W)
47 k
 pull-down
Active-High
0110_011
(R/W)
56 k
 pull-down
Active-High
0110_010
(R/W)
68 k
 pull-down
Active-High
0110_001
(R/W)
82 k
 pull-down
Active-High
0110_000
(R/W)
100 k
 pull-down
Active-High
1010_100
(R/W)
120 k
 pull-down
Active-High
1010_101
(R/W)
150 k
 pull-down
Active-High
1010_110
(R/W)
VDD (If a pull-up resistor is used,
its value must not exceed 100 k
)
Active-High
1010_111
(R/W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com