Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1003-2 Datasheet(PDF) 125 Page - Microchip Technology

Part # UCS1003-2
Description  USB Port Power Controller with Charger Emulation
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1003-2 Datasheet(HTML) 125 Page - Microchip Technology

Back Button UCS1003-2 Datasheet HTML 121Page - Microchip Technology UCS1003-2 Datasheet HTML 122Page - Microchip Technology UCS1003-2 Datasheet HTML 123Page - Microchip Technology UCS1003-2 Datasheet HTML 124Page - Microchip Technology UCS1003-2 Datasheet HTML 125Page - Microchip Technology UCS1003-2 Datasheet HTML 126Page - Microchip Technology UCS1003-2 Datasheet HTML 127Page - Microchip Technology UCS1003-2 Datasheet HTML 128Page - Microchip Technology UCS1003-2 Datasheet HTML 129Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 138 page
background image
 2014-2015 Microchip Technology Inc.
DS20005346B-page 125
UCS1003-1/2/3
11.0
UCS1003-1 COMMUNICATIONS
11.1
Operating Mode
The UCS1003-1 can operate in SMBus mode (see
Section 11.2
“SMBus
Operating
Mode”
)
or
Stand-Alone mode (see Section 11.3 “Stand-Alone
Operating Mode”
). The resistor on the COMM_SEL/ILIM
pin determines the operating mode and the hardware
ILIM setting, as shown in Table 11-1. Unless connected to
GND or VDD, the resistors in Table 11-1 are pull-down
resistors.
Note:
If it is necessary to connect the
COMM_SEL/ILIM pin to VDD via a pull-up
resistor, it is recommended that this
resistor value not exceed 100 k
.
TABLE 11-1:
UCS1003-1 COMMUNICATION MODE AND ILIM SELECTION
Selection Resistor ±5%
ILIM Setting
(1)
Communications Mode
GND
570 mA
SMBus – see Section 11.2.1.2
10 k
 pull-down
1000 mA
SMBus – see Section 11.2.1.2
12 k
 pull-down
1130 mA
SMBus – see Section 11.2.1.2
15 k
 pull-down
1350 mA
SMBus – see Section 11.2.1.2
18 k
 pull-down
1680 mA
SMBus – see Section 11.2.1.2
22 k
 pull-down
2050 mA
SMBus – see Section 11.2.1.2
27 k
pull-down
2280 mA
SMBus – see Section 11.2.1.2
33 k
 pull-down
2850 mA (3000 mA maximum)
SMBus – see Section 11.2.1.2
47 k
 pull-down
570 mA
Stand-Alone mode
56 k
 pull-down
1000 mA
Stand-Alone mode
68 k
 pull-down
1130 mA
Stand-Alone mode
82 k
 pull-down
1350 mA
Stand-Alone mode
100 k
 pull-down
1680 mA
Stand-Alone mode
120 k
 pull-down
2050 mA
Stand-Alone mode
150 k
 pull-down
2280 mA
Stand-Alone mode
VDD (If a pull-up resistor is used, its
value must not exceed 100 k
.)
2850 mA (3000 mA maximum)
Stand-Alone mode
Note 1:
Unless otherwise indicated, the values specified in this column are the typical ILIM in the Table 1-2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com