Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-1 Datasheet(PDF) 23 Page - Microchip Technology

Part # UCS1002-1
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-1 Datasheet(HTML) 23 Page - Microchip Technology

Back Button UCS1002-1 Datasheet HTML 19Page - Microchip Technology UCS1002-1 Datasheet HTML 20Page - Microchip Technology UCS1002-1 Datasheet HTML 21Page - Microchip Technology UCS1002-1 Datasheet HTML 22Page - Microchip Technology UCS1002-1 Datasheet HTML 23Page - Microchip Technology UCS1002-1 Datasheet HTML 24Page - Microchip Technology UCS1002-1 Datasheet HTML 25Page - Microchip Technology UCS1002-1 Datasheet HTML 26Page - Microchip Technology UCS1002-1 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 116 page
background image
Programmable USB Port Power Controller with Charger Emulation
Datasheet
SMSC UCS1002
23
Revision 1.4 (07-16-13)
DATASHEET
Attach / Removal Detection - AC
Attach Detection Time
tDET_QUAL
100
ms
Time from Attach to A_DET#
assert .
Removal Detection Time
tREM_QUAL
1000
ms
Allowed Charge Time
tDET_CHARGE
800
ms
CBUS = 500 µF max
Programmable 200-2000 ms,
default listed
Charger Emulation Profile
General Emulation - DC
Charging Current
Threshold
IBUS_CHG
9.76
mA
default
Charging Current
Threshold Range
IBUS_CHG_RNG
9.76
155
mA
Programmable, all typical
DP-DM Shunt Resistor
Value
RDCP_RES
200
Ω
Connected between DPOUT
and DMOUT
0 V < DPOUT = DMOUT < 3V
Response Magnitude
(voltage divider option
min resistance range)
SX_RXMAG_
DVDR
93
200
k
Ω
Programmable, all mins
Resistor Ratio Range
(voltage divider option)
SX_RATIO
0.25
0.66
V / V
Programmable, all typical
Resistor Ratio Accuracy
(voltage divider option)
SX_RATIO_
ACC
±0.5
%
Average over range
Response Magnitude
(resistor option range)
SX_RXMAG_
RES
1.8
150
k
Ω
Programmable, all typical
Internal Resistor
Tolerance (resistor
option)
SX_RXMAG_
RES_ACC
±10
%
Average over range
Response Magnitude
(voltage option range)
SX_RXMAG_
VOLT
0.4
2.2
V
Programmable, all typical
Voltage Option Accuracy
SX_RXMAG_
VOLT_ACC
±1
%
No load
Average over range
Voltage Option Accuracy
SX_RXMAG_
VOLT_ACC_
150
-6
%
150 µA load
Average over range
Voltage Option Accuracy
SX_RXMAG_
VOLT_ACC_
250
-10
%
250 µA load
Average over range
Table 3.3 Electrical Specifications (continued)
VDD = 4.5 V to 5.5 V, VS = 2.9 V to 5.5 V, VPULLUP = 3V to 5.5V, TA = -40 °C to 85 °C
all Typical values at VDD = VS = 5 V, TA = 27 °C unless otherwise noted.
CHARACTERISTIC
SYMBOL
MIN
TYP
MAX
UNIT
CONDITIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com