Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-1 Datasheet(PDF) 15 Page - Microchip Technology

Part # UCS1002-1
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-1 Datasheet(HTML) 15 Page - Microchip Technology

Back Button UCS1002-1 Datasheet HTML 11Page - Microchip Technology UCS1002-1 Datasheet HTML 12Page - Microchip Technology UCS1002-1 Datasheet HTML 13Page - Microchip Technology UCS1002-1 Datasheet HTML 14Page - Microchip Technology UCS1002-1 Datasheet HTML 15Page - Microchip Technology UCS1002-1 Datasheet HTML 16Page - Microchip Technology UCS1002-1 Datasheet HTML 17Page - Microchip Technology UCS1002-1 Datasheet HTML 18Page - Microchip Technology UCS1002-1 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 116 page
background image
Programmable USB Port Power Controller with Charger Emulation
Datasheet
SMSC UCS1002
15
Revision 1.4 (07-16-13)
DATASHEET
Chapter 3 Electrical Specifications
Note: Stresses above those listed could cause permanent damage to the UCS1002. This is a stress
rating only and functional operation of the UCS1002 at any other condition above those
indicated in the operation sections of this specification is not implied.
Note 3.1
A High K board uses a thermal via design with the thermal landing soldered to the PCB
ground plane with 0.3 mm (12 mil) diameter vias in a 3x3 matrix (9 total) at 0.5 mm (20 mil)
pitch. The board is multi-layer with 1-ounce internal power and ground planes and 2-ounce
copper traces on top and bottom. A Low K board is a two layer board without thermal via
design with 2-ounce copper traces on the top and bottom.
Table 3.1 Absolute Maximum Ratings
Voltage on VDD, VS, and VBUS pins
-0.3 to 6
V
Pullup voltage (VPULLUP)
-0.3 to VDD + 0.3
Data switch current (IHSW_ON), switch on
±50
mA
Port power switch current
Internally limited
Data switch pin voltage to ground (DPOUT, DPIN, DMOUT,
DMIN); (VDD powered or unpowered)
-0.3 to VDD + 0.3
V
Differential voltage across open data switch (DPOUT - DPIN,
DMOUT - DMIN, DPIN - DPOUT, DMIN - DMOUT)
VDD
V
Voltage on any other pin to ground
-0.3 to VDD + 0.3
V
Current on any other pin
±10
mA
Package power dissipation
See Table 3.2
Operating ambient temperature range
-40 to 125
°C
Storage temperature range
-55 to 150
°C
Table 3.2 Power Dissipation Summary
BOARD
PKG
θJC
θJA
DERATING
FACTOR
ABOVE 25 °C
TA <
25 °C
POWER
RATING
TA =
70 °C
POWER
RATING
TA =
85 °C
POWER
RATING
High K
(see Note 3.1)
20-pin QFN
4 mm x 4 mm
6°C /
W
41 °C /
W
24.4 mW / °C
2193 mW
1095 mW
729 mW
Low K
(see Note 3.1)
20-pin QFN
4 mm x 4 mm
6°C /
W
60 °C /
W
16.67 mW /
°C
1498 mW
748 mW
498 mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com