Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-1 Datasheet(PDF) 27 Page - Microchip Technology

Part # UCS1002-1
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-1 Datasheet(HTML) 27 Page - Microchip Technology

Back Button UCS1002-1 Datasheet HTML 23Page - Microchip Technology UCS1002-1 Datasheet HTML 24Page - Microchip Technology UCS1002-1 Datasheet HTML 25Page - Microchip Technology UCS1002-1 Datasheet HTML 26Page - Microchip Technology UCS1002-1 Datasheet HTML 27Page - Microchip Technology UCS1002-1 Datasheet HTML 28Page - Microchip Technology UCS1002-1 Datasheet HTML 29Page - Microchip Technology UCS1002-1 Datasheet HTML 30Page - Microchip Technology UCS1002-1 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 116 page
background image
Programmable USB Port Power Controller with Charger Emulation
Datasheet
SMSC UCS1002
27
Revision 1.4 (07-16-13)
DATASHEET
Chapter 4 Communications
4.1
Operating Mode
The UCS1002 can operate in SMBus mode (see Section 4.2, "SMBus Operating Mode") or Stand-
alone mode (see Section 4.3, "Stand-alone Operating Mode"). The resistor on the COMM_SEL / ILIM
pin determines operating mode and the hardware-set ILIM setting, as shown in Table 4.1. Unless
connected to GND or VDD, the resistors in Table 4.1 are pull-down resistors.
APPLICATION NOTE: If it is necessary to connect the COMM_SEL / ILIM pin to VDD via a pull-up resistor, it is
recommended that this resistor value not exceed 100 k
Ω.
Table 4.1 UCS1002 Communication Mode and ILIM Selection
SELECTION RESISTOR ±5%
ILIM SETTING
COMMUNICATIONS MODE
GND
500 mA
SMBus - see Section 4.2.1.2
10 k
Ω pull-down
900 mA
SMBus - see Section 4.2.1.2
12 k
Ω pull-down
1000 mA
SMBus - see Section 4.2.1.2
15 k
Ω pull-down
1200 mA
SMBus - see Section 4.2.1.2
18 k
Ω pull-down
1500 mA
SMBus - see Section 4.2.1.2
22 k
Ω pull-down
1800 mA
SMBus - see Section 4.2.1.2
27 k
Ω pull-down
2000 mA
SMBus - see Section 4.2.1.2
33 k
Ω pull-down
2500 mA
SMBus - see Section 4.2.1.2
47 k
Ω pull-down
500 mA
Stand-alone mode
56 k
Ω pull-down
900 mA
Stand-alone mode
68 k
Ω pull-down
1000 mA
Stand-alone mode
82 k
Ω pull-down
1200 mA
Stand-alone mode
100 k
Ω pull-down
1500 mA
Stand-alone mode
120 k
Ω pull-down
1800 mA
Stand-alone mode
150 k
Ω pull-down
2000 mA
Stand-alone mode
VDD
(If a pull-up resistor is used, its
value must not exceed 100 k
Ω.)
2500 mA
Stand-alone mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com