Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-1 Datasheet(PDF) 89 Page - Microchip Technology

Part # UCS1002-1
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-1 Datasheet(HTML) 89 Page - Microchip Technology

Back Button UCS1002-1 Datasheet HTML 85Page - Microchip Technology UCS1002-1 Datasheet HTML 86Page - Microchip Technology UCS1002-1 Datasheet HTML 87Page - Microchip Technology UCS1002-1 Datasheet HTML 88Page - Microchip Technology UCS1002-1 Datasheet HTML 89Page - Microchip Technology UCS1002-1 Datasheet HTML 90Page - Microchip Technology UCS1002-1 Datasheet HTML 91Page - Microchip Technology UCS1002-1 Datasheet HTML 92Page - Microchip Technology UCS1002-1 Datasheet HTML 93Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 116 page
background image
Programmable USB Port Power Controller with Charger Emulation
Datasheet
SMSC UCS1002
89
Revision 1.4 (07-16-13)
DATASHEET
10.11.2
Legacy Emulation Timeout Config 1 - 23h
The contents of this register are retained in Sleep.
Bits 7 - 6 - LG1_EM_TIMEOUT[1:0] - Defines the tEM_TIMEOUT setting, as shown in Table 10.24, that
is applied when the Legacy 1 charger emulation profile is used during the DCE Cycle. Default is 6.4 s
(10b).
Bits 5 - 4 - LG2_EM_TIMEOUT[1:0] - Defines the tEM_TIMEOUT setting, as shown in Table 10.24, that
is applied when the Legacy 2 charger emulation profile is used during the DCE Cycle. Default is 12.8 s
(11b).
Bits 3 - 2 - LG3_EM_TIMEOUT[1:0] - Defines the tEM_TIMEOUT setting, as shown in Table 10.24, that
is applied when the Legacy 3 charger emulation profile is used during the DCE Cycle. Default is 0.8 s
(00b).
Bits 1 - 0 - LG4_EM_TIMEOUT[1:0] - Defines the tEM_TIMEOUT setting, as shown in Table 10.24, that
is applied when the Legacy 4 charger emulation profile is used during the DCE Cycle. Default is 0.8 s
(00b).
10.11.3
Legacy Emulation Timeout Config 2 - 24h
The contents of this register are retained in Sleep.
Bits 5 - 4 - LG5_EM_TIMEOUT[1:0] - Defines the tEM_TIMEOUT setting, as shown in Table 10.24, that
is applied when the Legacy 5 charger emulation profile is used during the DCE Cycle. Default is 0.8 s
(00b).
Bits 3 - 2 - LG6_EM_TIMEOUT[1:0] - Defines the tEM_TIMEOUT setting, as shown in Table 10.24, that
is applied when the Legacy 6 charger emulation profile is used during the DCE Cycle. Default is 1.6 s
(01b).
Bits 1 - 0 - LG7_EM_TIMEOUT[1:0] - Defines the tEM_TIMEOUT setting, as shown in Table 10.24, that
is applied when the Legacy 7 charger emulation profile is used during the DCE Cycle. Default is 0.8 s
(00b).
Table 10.24 X_EM_TIMEOUT Bit Decode
X_EM_TIMEOUT[1:0]
TEM_TIMEOUT APPLIED
10
00
0.8 s
01
1.6 s
10
6.4 s
11
12.8 s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com