Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-1 Datasheet(PDF) 30 Page - Microchip Technology

Part # UCS1002-1
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-1 Datasheet(HTML) 30 Page - Microchip Technology

Back Button UCS1002-1 Datasheet HTML 26Page - Microchip Technology UCS1002-1 Datasheet HTML 27Page - Microchip Technology UCS1002-1 Datasheet HTML 28Page - Microchip Technology UCS1002-1 Datasheet HTML 29Page - Microchip Technology UCS1002-1 Datasheet HTML 30Page - Microchip Technology UCS1002-1 Datasheet HTML 31Page - Microchip Technology UCS1002-1 Datasheet HTML 32Page - Microchip Technology UCS1002-1 Datasheet HTML 33Page - Microchip Technology UCS1002-1 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 116 page
background image
Programmable USB Port Power Controller with Charger Emulation
Datasheet
Revision 1.4 (07-16-13)
30
SMSC UCS1002
DATASHEET
bit, and it has been communicating with the SMBus protocol, it will reset its client interface and prepare
to receive further communications.
4.2.1.6
SMBus Timeout and Idle Reset
The UCS1002 includes an SMBus timeout feature. If the clock is held at logic ‘0’ for tTIMEOUT, the
device can timeout and reset the SMBus interface. The SMBus interface can also reset if both the
clock and data lines are held at a logic ‘1’ for tIDLE_RESET. Communication is restored with a start
condition. This functionality defaults to disabled and can be enabled by clearing the DIS_TO bit in the
Emulation Configuration register (see Section 10.4.2, "Emulation Configuration - 16h").
4.2.2
SMBus and I2C Compatibility
The major differences between SMBus and I2C devices are highlighted here. For more information,
refer to the SMBus 2.0 and I2C specifications.
1. UCS1002 supports I2C fast mode at 400 kHz. This covers the SMBus max time of 100 kHz.
2. Minimum frequency for SMBus communications is 10 kHz.
3. The SMBus client protocol will reset if the clock is held at a logic ‘0’ for longer than 30 ms. This
timeout functionality is disabled by default in the UCS1002 and can be enabled by clearing the
DIS_TO bit. I2C does not have a timeout.
4. Except when operating in Sleep, the SMBus client protocol will reset if both the clock and data
lines are held at a logic ‘1’ for longer than 200 µs (idle condition). This function is disabled by
default in the UCS1002 and can be enabled by clearing the DIS_TO bit. I2C does not have an idle
condition.
5. I2C devices do not support the Alert Response Address functionality (which is optional for SMBus).
6. I2C devices support block read and write differently. I2C protocol allows for unlimited number of
bytes to be sent in either direction. The SMBus protocol requires that an additional data byte
indicating number of bytes to read / write is transmitted. The UCS1002 supports I2C formatting only.
4.2.3
SMBus Protocols
The UCS1002 is SMBus 2.0 compatible and supports Write Byte, Read Byte, Send Byte, and Receive
Byte as valid protocols as shown below.
All of the below protocols use the convention in Table 4.3.
Table 4.3 Protocol Format
DATA SENT
TO DEVICE
DATA SENT TO
THE HOST
Data sent
Data sent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com