Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-1 Datasheet(PDF) 67 Page - Microchip Technology

Part # UCS1002-1
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-1 Datasheet(HTML) 67 Page - Microchip Technology

Back Button UCS1002-1 Datasheet HTML 63Page - Microchip Technology UCS1002-1 Datasheet HTML 64Page - Microchip Technology UCS1002-1 Datasheet HTML 65Page - Microchip Technology UCS1002-1 Datasheet HTML 66Page - Microchip Technology UCS1002-1 Datasheet HTML 67Page - Microchip Technology UCS1002-1 Datasheet HTML 68Page - Microchip Technology UCS1002-1 Datasheet HTML 69Page - Microchip Technology UCS1002-1 Datasheet HTML 70Page - Microchip Technology UCS1002-1 Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 116 page
background image
Programmable USB Port Power Controller with Charger Emulation
Datasheet
SMSC UCS1002
67
Revision 1.4 (07-16-13)
DATASHEET
4. If the portable device does not draw more than IBUS_CHG current when tEM_TIMEOUT timer expires,
the UCS1002 will stop the Legacy 7 charger emulation profile. This will cause the voltage put onto
the DPOUT pin to be removed. Emulation reset occurs, and the UCS1002 will initiate the next
charger emulation profile.
9.12
Custom Charger Emulation Profile
The UCS1002 allows the user to create a Custom charger emulation profile to handshake as any type
of charger. This profile can be included in the DCE Cycle. In addition, it can be placed first or last in
the profile sequence in the DCE Cycle. See Section 10.13.1, "Custom Emulation Configuration - 40h".
The Custom charger emulation profile uses a number of registers to define stimuli and behaviors. The
Custom charger emulation profile uses three separate stimulus / response pairs that will be detected
and applied in sequence, allowing flexibility to “build” any of the preloaded emulation profiles or tailor
the profile to match a specific charger application.
For details, see application note 24.14 “UCS1002 Fundamentals of Custom Charger Emulation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com