Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-1 Datasheet(PDF) 56 Page - Microchip Technology

Part # UCS1002-1
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-1 Datasheet(HTML) 56 Page - Microchip Technology

Back Button UCS1002-1 Datasheet HTML 52Page - Microchip Technology UCS1002-1 Datasheet HTML 53Page - Microchip Technology UCS1002-1 Datasheet HTML 54Page - Microchip Technology UCS1002-1 Datasheet HTML 55Page - Microchip Technology UCS1002-1 Datasheet HTML 56Page - Microchip Technology UCS1002-1 Datasheet HTML 57Page - Microchip Technology UCS1002-1 Datasheet HTML 58Page - Microchip Technology UCS1002-1 Datasheet HTML 59Page - Microchip Technology UCS1002-1 Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 116 page
background image
Programmable USB Port Power Controller with Charger Emulation
Datasheet
Revision 1.4 (07-16-13)
56
SMSC UCS1002
DATASHEET
If the RATION_EN control is set to ‘0’ prior to reaching the charge rationing threshold, rationing will be
disabled and the Total Accumulated Charge registers will be cleared. If the RATION_EN control is set
to ‘0’ after the charge rationing threshold has been reached, the following will be done:
1. RATION status bit will be cleared.
2. The ALERT# pin will be released if asserted by the rationing circuitry and no other conditions are
present.
3. The M1, M2, EM_EN, S0, and PWR_EN controls are checked to determine the power state. See
Note 7.1.
APPLICATION NOTE: If the rationing behavior was set to “Report and Disconnect” when the charge rationing
threshold was reached and then the RATION_EN bit is cleared, the portable device may start
charging suboptimally because the charger emulation profile has been removed. Toggle the
PWR_EN control to restart charger emulation.
Setting the RATION_RST control to ‘1’ will automatically reset the Total Accumulated Charge registers
to 00_00h. If this is done prior to reaching the charge rationing threshold, the data will continue to be
accumulated restarting from 00_00h. If this is done after the charge rationing threshold is reached, the
UCS1002 will take action as shown in Table 7.2.
7.6
Fault Handling Mechanism
The UCS1002 has two modes for handling faults: Latch (latch-upon-fault) or Auto-recovery
(automatically attempt to restore the Active power state after a fault occurs). If the SMBus is actively
utilized, auto-recovery fault handling is the default error handler as determined by the LATCH_SET bit
(see Section 10.4.3, "Switch Configuration - 17h"). Otherwise, the fault handling mechanism used
depends on the state of the LATCH pin. Faults include over-current, over-voltage (on VS), under-
Report and
Disconnect
Ignore
1. Release the ALERT# pin.
2. Check the M1, M2, EM_EN, S0, and PWR_EN controls and enter the
indicated power state if the controls changed (see Note 7.1).
Report
Check the M1, M2, EM_EN, S0, and PWR_EN controls and enter the
indicated power state if the controls changed (see Note 7.1).
Disconnect and
go to Sleep
1. Release the ALERT# pin.
2. Enter the Sleep state. See the “Disconnect and go to Sleep” entry in
Table 7.1.
Disconnect
and go to
Sleep
Ignore
Check the M1, M2, EM_EN, S0, and PWR_EN controls and enter the
indicated power state if the controls changed (see Note 7.1).
Report
1. Assert the ALERT# pin.
2. Check the M1, M2, EM_EN, S0, and PWR_EN controls and enter the
indicated power state if the controls changed (see Note 7.1).
Report and
Disconnect
1. Assert the ALERT# pin.
2. Check the M1, M2, EM_EN, S0, and PWR_EN controls to determine the
power state then enter that state except that the port power switch and
bypass switch will not be closed (see Note 7.1).
Table 7.3 Effects of Changing Rationing Behavior after Threshold Reached (continued)
PREVIOUS
BEHAVIOR
NEW BEHAVIOR
ACTIONS TAKEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com