Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-1 Datasheet(PDF) 65 Page - Microchip Technology

Part # UCS1002-1
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-1 Datasheet(HTML) 65 Page - Microchip Technology

Back Button UCS1002-1 Datasheet HTML 61Page - Microchip Technology UCS1002-1 Datasheet HTML 62Page - Microchip Technology UCS1002-1 Datasheet HTML 63Page - Microchip Technology UCS1002-1 Datasheet HTML 64Page - Microchip Technology UCS1002-1 Datasheet HTML 65Page - Microchip Technology UCS1002-1 Datasheet HTML 66Page - Microchip Technology UCS1002-1 Datasheet HTML 67Page - Microchip Technology UCS1002-1 Datasheet HTML 68Page - Microchip Technology UCS1002-1 Datasheet HTML 69Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 116 page
background image
Programmable USB Port Power Controller with Charger Emulation
Datasheet
SMSC UCS1002
65
Revision 1.4 (07-16-13)
DATASHEET
Portable devices that can cause this are generally ones that pull up DPOUT to some voltage and leave
it there, or apply the wrong voltage.
9.11
Preloaded Charger Emulation Profiles
The following charger emulation profiles are resident to the UCS1002:
1. Legacy 1, 3, 4, and 6 - See Section 9.11.3
2. Legacy 2 - See Section 9.11.2
3. Legacy 5 - See Section 9.11.4
4. Legacy 7 - See Section 9.11.5
5. BC1.2 CDP - See Section 9.6.1
6. BC1.2 DCP - See Section 9.7.1
Additionally, the user may “build” a charger emulation profile by determining the voltage and resistance
characteristics that are placed on each of the DPOUT and DMOUT pins. See Section 9.12, "Custom
Charger Emulation Profile".
9.11.1
BC1.2 DCP Charger Emulation Profile Within DCE Cycle
When the BC1.2 DCP charger emulation profile (Section 9.7.1, "BC1.2 DCP Charger Emulation
Profile") is applied within the DCE Cycle (Dedicated Charger Emulation Cycle is selected as the Active
mode), the behavior after the profile is applied is different than Active mode BC1.2 DCP (BC1.2 DCP
in Table 9.1) because the tEM_TIMEOUT timer is enabled (by default) during the DCE Cycle.
During the DCE Cycle after the DCP charger emulation profile, the UCS1002 will perform one of the
following:
1. If the portable device is drawing more than IBUS_CHG current when the tEM_TIMEOUT timer expires,
the UCS1002 will flag that a BC1.2 DCP was detected. The UCS1002 will leave in place the
resistive short
, leave the high-speed switch open, and then enable constant current limiting
(variable slope).
2. If the portable device does not draw more than IBUS_CHG current when the tEM_TIMEOUT timer
expires, the UCS1002 will stop applying the DCP charger emulation profile and proceed to the next
charger emulation profile in the DCE Cycle.
9.11.2
Legacy 2 Charger Emulation Profile
The Legacy 2 charger emulation profile does the following:
1. The UCS1002 will connect a resistor (RDCP_RES) between DPOUT and DMOUT.
2. VBUS is applied.
3. If the portable device draws more than IBUS_CHG current when the tEM_TIMEOUT timer expires
(enabled by default), the UCS1002 will accept that this is the correct charger emulation profile for
the attached portable device. Charging commences. The resistive short between the DPOUT and
DMOUT pins will be left in place. The UCS1002 will use constant current limiting.
4. If the portable device does not draw more than IBUS_CHG current when tEM_TIMEOUT timer expires,
the UCS1002 will stop the Legacy 2 charger emulation. This will cause resistive short between the
DPOUT and DMOUT pins to be removed. Emulation reset occurs, and the UCS1002 will initiate
the next charger emulation profile.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com