Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-1 Datasheet(PDF) 19 Page - Microchip Technology

Part # UCS1002-1
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-1 Datasheet(HTML) 19 Page - Microchip Technology

Back Button UCS1002-1 Datasheet HTML 15Page - Microchip Technology UCS1002-1 Datasheet HTML 16Page - Microchip Technology UCS1002-1 Datasheet HTML 17Page - Microchip Technology UCS1002-1 Datasheet HTML 18Page - Microchip Technology UCS1002-1 Datasheet HTML 19Page - Microchip Technology UCS1002-1 Datasheet HTML 20Page - Microchip Technology UCS1002-1 Datasheet HTML 21Page - Microchip Technology UCS1002-1 Datasheet HTML 22Page - Microchip Technology UCS1002-1 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 116 page
background image
Programmable USB Port Power Controller with Charger Emulation
Datasheet
SMSC UCS1002
19
Revision 1.4 (07-16-13)
DATASHEET
Port Power Switch
Port Power Switch - DC Parameter
Over-voltage Lockout
VS_OV
6V
On Resistance
RON_PSW
55
65
m
Ω
4.75 V < VS < 5.25 V
VS Leakage Current
ILEAK_VS
2.2
5
µA
Sleep state
into VS pin
Back-voltage Protection
Threshold
VBV_TH
150
mV
VBUS > VS
VS > VS_UVLO
Back-drive Current
IBD_1
0
3
µA
VDD < VDD_TH,
Any powered power pin to any
unpowered power pin. Current
out of unpowered pin.
IBD_2
0
2
µA
VDD > VDD_TH,
Any powered power pin to any
unpowered power pin, except
for VDD to VBUS in Detect
power state and VS to VBUS in
Active power state. Current out
of unpowered pin.
Selectable Current Limits
ILIM1
450
467
500
mA
ILIM Resistor = 0 or 47 k
Ω
(500 mA setting)
ILIM2
810
839
900
mA
ILIM Resistor = 10 k
Ω or 56 kΩ
(900 mA setting)
ILIM3
900
932
1000
mA
ILIM Resistor = 12 k
Ω or 68 kΩ
(1000 mA setting)
ILIM4
1080
1112
1200
mA
ILIM Resistor = 15 k
Ω or 82 kΩ
(1200 mA setting)
ILIM5
1350
1385
1500
mA
ILIM Resistor = 18 k
Ω or
100 k
Ω
(1500 mA setting)
ILIM6
1620
1702
1800
mA
ILIM Resistor = 22 k
Ω or
120 k
Ω
(1800 mA setting)
ILIM7
1800
1892
2000
mA
ILIM Resistor = 27 k
Ω or
150 k
Ω
(2000 mA setting)
ILIM8
2250
2355
2500
mA
ILIM Resistor = 33 k
Ω or VDD
(2500 mA setting)
Pin Wake Time
tPIN_WAKE
3ms
Table 3.3 Electrical Specifications (continued)
VDD = 4.5 V to 5.5 V, VS = 2.9 V to 5.5 V, VPULLUP = 3V to 5.5V, TA = -40 °C to 85 °C
all Typical values at VDD = VS = 5 V, TA = 27 °C unless otherwise noted.
CHARACTERISTIC
SYMBOL
MIN
TYP
MAX
UNIT
CONDITIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com