Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-1 Datasheet(PDF) 96 Page - Microchip Technology

Part # UCS1002-1
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-1 Datasheet(HTML) 96 Page - Microchip Technology

Back Button UCS1002-1 Datasheet HTML 92Page - Microchip Technology UCS1002-1 Datasheet HTML 93Page - Microchip Technology UCS1002-1 Datasheet HTML 94Page - Microchip Technology UCS1002-1 Datasheet HTML 95Page - Microchip Technology UCS1002-1 Datasheet HTML 96Page - Microchip Technology UCS1002-1 Datasheet HTML 97Page - Microchip Technology UCS1002-1 Datasheet HTML 98Page - Microchip Technology UCS1002-1 Datasheet HTML 99Page - Microchip Technology UCS1002-1 Datasheet HTML 100Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 116 page
background image
Programmable USB Port Power Controller with Charger Emulation
Datasheet
Revision 1.4 (07-16-13)
96
SMSC UCS1002
DATASHEET
Table 10.32 Stimulus Response Resistor Options
SX_RXMAG[3:0] SETTING
RESISTOR ON VBUS TO
DX_OUT OR FROM DX_OUT TO
GND
321
0
000
0
1.8 k
Ω
000
1
10 k
Ω
001
0
15 k
Ω
001
1
20 k
Ω
010
0
25 k
Ω
010
1
30 k
Ω
011
0
40 k
Ω
011
1
43 k
Ω
100
0
50 k
Ω
100
1
60 k
Ω
101
0
75 k
Ω
101
1
80 k
Ω
110
0
100 k
Ω
110
1
120 k
Ω
111
0
150 k
Ω
1
1
1
1
Do not use
Table 10.33 Stimulus Response Voltage Options
SX_RXMAG[3:0] SETTING
VOLTAGE ON DPOUT / DMOUT
3210
0000
Pull-down
0001
400 mV
0010
400 mV
0011
400 mV
0100
400 mV
0101
500 mV
0110
600 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com