Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-1 Datasheet(PDF) 48 Page - Microchip Technology

Part # UCS1002-1
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-1 Datasheet(HTML) 48 Page - Microchip Technology

Back Button UCS1002-1 Datasheet HTML 44Page - Microchip Technology UCS1002-1 Datasheet HTML 45Page - Microchip Technology UCS1002-1 Datasheet HTML 46Page - Microchip Technology UCS1002-1 Datasheet HTML 47Page - Microchip Technology UCS1002-1 Datasheet HTML 48Page - Microchip Technology UCS1002-1 Datasheet HTML 49Page - Microchip Technology UCS1002-1 Datasheet HTML 50Page - Microchip Technology UCS1002-1 Datasheet HTML 51Page - Microchip Technology UCS1002-1 Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 116 page
background image
Programmable USB Port Power Controller with Charger Emulation
Datasheet
Revision 1.4 (07-16-13)
48
SMSC UCS1002
DATASHEET
Chapter 7 USB Port Power Switch
7.1
USB Port Power Switch
To assure compliance to various charging specifications, the UCS1002 contains a USB port power
switch that supports two current limiting modes: trip and constant current (variable slope). The current
limit (ILIM) is pin selectable (and may be updated via the register set). The switch also includes soft
start circuitry and a separate short circuit current limit.
The port power switch is on in the Active state (except when VBUS is discharging).
7.2
Current Limiting
7.2.1
Current Limit Setting
The UCS1002 hardware set current limit, ILIM, can be one of eight values (see Table 4.1, "UCS1002
Communication Mode and ILIM Selection"). This resistor value is read once upon UCS1002 power-up.
The current limit can be changed via the SMBus / I2C after power-up; however, the programmed
current limit cannot exceed the hardware set current limit.
At power-up, the communication mode (Stand-alone or SMBus / I2C) and hardware current limit (ILIM)
are determined via the pull-down resistor (or pull-up resistor if connected to VDD) on the COMM_SEL
/ ILIM pin, as shown in Table 4.1.
7.2.2
Short Circuit Output Current Limiting
Short circuit current limiting occurs when the output current is above the selectable current limit (ILIMx).
This event will be detected and the current will immediately be limited (within tSHORT_LIM time). If the
condition remains, the port power switch will flag an Error condition and enter the Error state (see
Section 5.1.5, "Error State Operation").
7.2.3
Soft Start
When the PWR_EN control changes states to enable the port power switch, or an Attach Detection
event occurs in the Detect power state and the PWR_EN control is already enabled, the UCS1002
invokes a soft start routine for the duration of the VBUS rise time (tR_BUS). This soft start routine will
limit current flow from VS into VBUS while it is active. This circuitry will prevent current spikes due to
a step in the portable device current draw.
In the case when a portable device is attached while the PWR_EN pin is already enabled, if the bus
current exceeds ILIM, the UCS1002 current limiter will respond within a specified time (tSHORT_LIM)
and will operate normally at this point. The CBUS capacitor will deliver the extra current, if any, as
required by the load change.
7.2.4
Current Limiting Modes
The UCS1002 current limiting has two modes: trip and constant current (variable slope). Either mode
functions at all times when the port power switch is closed. The current limiting mode used depends
on the Active state mode (see Section 9.9, "Current Limit Mode Associations"). When operating in the
Detect power state (see Section 5.1.3), the current capacity at VBUS is limited to IBUS_BYP as
described in Section 8.2, "VBUS Bypass Switch".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com