Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-1 Datasheet(PDF) 63 Page - Microchip Technology

Part # UCS1002-1
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-1 Datasheet(HTML) 63 Page - Microchip Technology

Back Button UCS1002-1 Datasheet HTML 59Page - Microchip Technology UCS1002-1 Datasheet HTML 60Page - Microchip Technology UCS1002-1 Datasheet HTML 61Page - Microchip Technology UCS1002-1 Datasheet HTML 62Page - Microchip Technology UCS1002-1 Datasheet HTML 63Page - Microchip Technology UCS1002-1 Datasheet HTML 64Page - Microchip Technology UCS1002-1 Datasheet HTML 65Page - Microchip Technology UCS1002-1 Datasheet HTML 66Page - Microchip Technology UCS1002-1 Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 116 page
background image
Programmable USB Port Power Controller with Charger Emulation
Datasheet
SMSC UCS1002
63
Revision 1.4 (07-16-13)
DATASHEET
1. The UCS1002 resets the VBUS line by disconnecting the port power switch and connecting VBUS
to ground via an internal 100
Ω resistor for tDISCHARGE time. The port power switch will be held
open for a time equal to tEM_RESET at which point the port power switch will be closed and the
VBUS voltage applied.
2. The DPOUT and DMOUT pins will be pulled low using internal 15 k
Ω pull-down resistors.
APPLICATION NOTE: To help prevent possible damage to a portable device, the DPOUT and DMOUT pins have
current limiting in place when the emulation profiles are applied.
9.8.2
Emulation Cycling
In Dedicated Charger Emulation Cycle mode, the charger emulation profiles (if enabled) will be applied
in the following order:
1. Legacy 1
2. BC1.2 DCP
3. Legacy 2
4. Legacy 3
5. Legacy 4
6. Legacy 5
7. Legacy 6
8. Legacy 7
9. Custom (disabled by default). If the CS1_FIRST configuration bit is set, then the Custom charger
emulation profile will be tested first and the order will proceed as given.
APPLICATION NOTE: If S0=’0’ and a portable device is not attached in DCE Cycle mode, the UCS1002 will be
cycling through charger emulation profiles (by default). There is no guarantee which charger
emulation profile will be applied first when a portable device attaches.
The UCS1002 will apply a charger emulation profile until one of the following exit conditions occurs:
1. Current greater than IBUS_CHG is detected flowing out of VBUS at the respective emulation timeout
time. In this case, the profile is assumed to be accepted and no other profiles will be applied.
2. The respective emulation timeout (tEM_TIMEOUT) time is reached without current that exceeds the
IBUS_CHG limit flowing out of VBUS (the emulation timeout is enabled by default, see Section
10.4.2, "Emulation Configuration - 16h" and Section 10.13.1, "Custom Emulation Configuration -
40h"). The profile is assumed to be rejected, and the UCS1002 will perform emulation reset and
apply the next profile, if there is one.
Emulation timeouts can be programmed for each charger emulation profile (see Section 10.11,
"Preloaded Emulation Timeout Configuration Registers" and Section 10.13.1, "Custom Emulation
Configuration - 40h").
9.8.3
DCE Cycle Retry
If none of the charger emulation profiles cause a charge current to be drawn, the UCS1002 will perform
emulation reset and cycle through the profiles again (if the EM_RETRY bit is set (default - see Section
10.4.2, "Emulation Configuration - 16h")). The UCS1002 will continue to cycle through the profiles so
as long as charging current is not drawn and the PWR_EN control is enabled. If the Emulation Retry
is not enabled, the UCS1002 will flag “no handshake” and end the DCE Cycle using trip current
limiting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com