Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-1 Datasheet(PDF) 45 Page - Microchip Technology

Part # UCS1002-1
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-1 Datasheet(HTML) 45 Page - Microchip Technology

Back Button UCS1002-1 Datasheet HTML 41Page - Microchip Technology UCS1002-1 Datasheet HTML 42Page - Microchip Technology UCS1002-1 Datasheet HTML 43Page - Microchip Technology UCS1002-1 Datasheet HTML 44Page - Microchip Technology UCS1002-1 Datasheet HTML 45Page - Microchip Technology UCS1002-1 Datasheet HTML 46Page - Microchip Technology UCS1002-1 Datasheet HTML 47Page - Microchip Technology UCS1002-1 Datasheet HTML 48Page - Microchip Technology UCS1002-1 Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 116 page
background image
Programmable USB Port Power Controller with Charger Emulation
Datasheet
SMSC UCS1002
45
Revision 1.4 (07-16-13)
DATASHEET
5.3.3
M1, M2, and EM_EN Inputs
The M1, M2, and EM_EN input controls determine the Active mode and affect the power state (see
Table 5.1, "Power States Control Settings" and Table 9.1, "Active Mode Selection"). When these
controls are all set to ‘0’ and PWR_EN is enabled, the UCS1002 Attach and Removal Detection feature
is disabled. In SMBus mode, the M1, M2, and EM_EN pin states will be ignored by the UCS1002 if
the PIN_IGNORE configuration bit is set (see Section 10.4.3); otherwise, the M1_SET, M2_SET, and
EM_EN_SET configuration bits (see Section 10.4.3) are checked along with the pins.
5.3.4
PWR_EN Input
The PWR_EN control enables the port power switch to be turned on if conditions are met and affects
the power state (see Table 5.1, "Power States Control Settings"). The port power switch cannot be
closed if PWR_EN is disabled. However, if PWR_EN is enabled, the port power switch is not
necessarily closed (see Section 5.1.4, "Active State Operation"). Polarity is controlled by the SEL pin.
In SMBus mode, the PWR_EN pin state will be ignored by the UCS1002 if the PIN_IGNORE
configuration bit is set (see Section 10.4.3); otherwise, the PWR_EN_SET configuration bit (see
Section 10.4.3) is checked along with the pin.
5.3.5
Latch Input
The Latch input control determines the behavior of the fault handling mechanism (see Section 7.6,
"Fault Handling Mechanism").
When the UCS1002 is configured to operate in Stand-alone mode (see Section 4.3, "Stand-alone
Operating Mode"), the LATCH control is available exclusively via the LATCH pin (see Section
Table 4.10, "Stand-alone Fault and Attach Detection Selection"). When the UCS1002 is configured to
operate in SMBus mode, the LATCH control is available exclusively via the LATCH_SET configuration
bit (see Section 10.4.3, "Switch Configuration - 17h").
5.3.6
S0 Input
The S0 control enables the Attach and Removal Detection feature and affects the power state (see
Table 5.1, "Power States Control Settings"). When S0 is set to ‘1’, an Attach Detection event must
occur before the port power switch can be turned on. When S0 is set to ‘0’, the Attach and Removal
Detection feature is not enabled.
When the device is configured to operate in SMBus mode, (see Section 4.3, "Stand-alone Operating
Mode"), the S0 control is available exclusively via the S0_SET configuration bit (see Section 10.4.3,
"Switch Configuration - 17h"). Otherwise, the S0 control is available exclusively via the S0 pin since
the SMBus protocol will be disabled.
5.4
Discrete Output Pins
5.4.1
ALERT# and A_DET# Output Pins
The ALERT# pin is an active low open-drain interrupt to the host controller. The ALERT# pin is
asserted (by default - see ALERT_MASK in Section 10.4.1, "General Configuration - 15h") when an
error occurs (see Section 10.3.2, "Interrupt Status - 10h"). The ALERT# pin can also be asserted when
the LOW_CUR (portable device is pulling less current and may be finished charging) or TREG (thermal
regulation temperature exceeded) bits are set and linked. As well, when charge rationing is enabled,
the ALERT# pin is asserted by default when the current rationing threshold is reached (as determined
by RATION_BEH[1:0] - see Table 7.1, "Charge Rationing Behavior"). The ALERT# pin is released
when all conditions that may assert the ALERT# pin (such as an error condition, charge rationing, and
TREG and LOW_CHG if linked) have been removed or reset as necessary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com