Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-1 Datasheet(PDF) 20 Page - Microchip Technology

Part # UCS1002-1
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-1 Datasheet(HTML) 20 Page - Microchip Technology

Back Button UCS1002-1 Datasheet HTML 16Page - Microchip Technology UCS1002-1 Datasheet HTML 17Page - Microchip Technology UCS1002-1 Datasheet HTML 18Page - Microchip Technology UCS1002-1 Datasheet HTML 19Page - Microchip Technology UCS1002-1 Datasheet HTML 20Page - Microchip Technology UCS1002-1 Datasheet HTML 21Page - Microchip Technology UCS1002-1 Datasheet HTML 22Page - Microchip Technology UCS1002-1 Datasheet HTML 23Page - Microchip Technology UCS1002-1 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 116 page
background image
Programmable USB Port Power Controller with Charger Emulation
Datasheet
Revision 1.4 (07-16-13)
20
SMSC UCS1002
DATASHEET
SMBus Wake Time
tSMB_WAKE
4ms
Idle Sleep Time
tIDLE_SLEEP
200
ms
Thermal Regulation Limit
TREG
110
°C
Die Temperature at which
current limit will be reduced
Thermal Regulation
Hysteresis
TREG_HYST
10
°C
Hysteresis for tREG
functionality. Temperature must
drop by this value before ILIM
value restored to normal
operation
Thermal Shutdown
Threshold
TTSD
135
°C
Die Temperature at which port
power switch will turn off
Thermal Shutdown
Hysteresis
TTSD_HYST
35
°C
After shutdown due to TTSD
being reached, die temperature
drop required before port power
switch can be turned on again
Auto-recovery Test
Current
ITEST
190
mA
Portable device attached,
VBUS = 0 V, Die temp < TTSD
Auto-recovery Test
Voltage
VTEST
750
mV
Portable device attached,
VBUS = 0 V before application,
Die temp < TTSD
Programmable, 250 - 1000 mV,
default listed
Discharge Impedance
RDISCHARGE
100
Ω
Port Power Switch - AC Parameters
Turn On Delay
tON_PSW
0.75
ms
PWR_EN active toggle to
switch on time, VBUS
discharge not active
Turn Off Time
tOFF_PSW_INA
0.75
ms
PWR_EN inactive toggle to
switch off time
CBUS = 120 μF
Turn Off Time
tOFF_PSW_ERR
1
ms
Over-current Error, VBUS Min
Error, or Discharge Error to
switch off
CBUS = 120 μF
Turn Off Time
tOFF_PSW_ERR
100
ns
TSD or Back-drive Error to
switch off
CBUS = 120 μF
VBUS Output Rise Time
tR_BUS
1.1
ms
Measured from 10% to 90% of
VBUS, CLOAD = 220 μF
ILIM = 1.0 A
Table 3.3 Electrical Specifications (continued)
VDD = 4.5 V to 5.5 V, VS = 2.9 V to 5.5 V, VPULLUP = 3V to 5.5V, TA = -40 °C to 85 °C
all Typical values at VDD = VS = 5 V, TA = 27 °C unless otherwise noted.
CHARACTERISTIC
SYMBOL
MIN
TYP
MAX
UNIT
CONDITIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com