Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-1 Datasheet(PDF) 57 Page - Microchip Technology

Part # UCS1002-1
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-1 Datasheet(HTML) 57 Page - Microchip Technology

Back Button UCS1002-1 Datasheet HTML 53Page - Microchip Technology UCS1002-1 Datasheet HTML 54Page - Microchip Technology UCS1002-1 Datasheet HTML 55Page - Microchip Technology UCS1002-1 Datasheet HTML 56Page - Microchip Technology UCS1002-1 Datasheet HTML 57Page - Microchip Technology UCS1002-1 Datasheet HTML 58Page - Microchip Technology UCS1002-1 Datasheet HTML 59Page - Microchip Technology UCS1002-1 Datasheet HTML 60Page - Microchip Technology UCS1002-1 Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 116 page
background image
Programmable USB Port Power Controller with Charger Emulation
Datasheet
SMSC UCS1002
57
Revision 1.4 (07-16-13)
DATASHEET
voltage (on VBUS), back-voltage (VBUS to VS or VBUS to VDD), discharge error, and maximum
allowable internal die temperature (TTSD) exceeded (see Section 5.1.5, "Error State Operation").
7.6.1
Auto-recovery Fault Handling
When the LATCH control is low, auto-recovery fault handling is used. When an error condition is
detected, the UCS1002 will immediately enter the Error state and assert the ALERT# pin (see
Section 5.1.5). Independently from the host controller, the UCS1002 will wait a preset time (tCYCLE),
check error conditions (tTST), and restore Active operation if the error condition(s) no longer exist. If
all other conditions that may cause the ALERT# pin to be asserted have been removed, the ALERT#
pin will be released.
7.6.2
Latched Fault Handling
When the LATCH control is high, latch fault handling is used. When an error condition is detected, the
UCS1002 will enter the Error power state and assert the ALERT# pin. Upon command from the host
controller (by toggling the PWR_EN control from enabled to disabled or by clearing the ERR bit via
SMBus), the UCS1002 will check error conditions once and restore Active operation if error conditions
no longer exist. If an error condition still exists, the host controller is required to issue the command
again to check error conditions.
Figure 7.3 Error Recovery Timing (Short Circuit Example)
tRST
VBUS
IBUS
SHORT
applied.
ITST
tDISCHARG
E
ITST
VTEST
Short Detected. VBUS
discharged. Enter
Error state.
Check short
condition. Short
still present.
Return to Error
State.
Wait tCYCLE.
Wait tCYCLE.
Check short
condition. Short
removed.
Return to
normal
operation.
tCYCLE
tCYCLE
tRST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com