Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-1 Datasheet(PDF) 14 Page - Microchip Technology

Part # UCS1002-1
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-1 Datasheet(HTML) 14 Page - Microchip Technology

Back Button UCS1002-1 Datasheet HTML 10Page - Microchip Technology UCS1002-1 Datasheet HTML 11Page - Microchip Technology UCS1002-1 Datasheet HTML 12Page - Microchip Technology UCS1002-1 Datasheet HTML 13Page - Microchip Technology UCS1002-1 Datasheet HTML 14Page - Microchip Technology UCS1002-1 Datasheet HTML 15Page - Microchip Technology UCS1002-1 Datasheet HTML 16Page - Microchip Technology UCS1002-1 Datasheet HTML 17Page - Microchip Technology UCS1002-1 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 116 page
background image
Programmable USB Port Power Controller with Charger Emulation
Datasheet
Revision 1.4 (07-16-13)
14
SMSC UCS1002
DATASHEET
Note 2.1
Total leakage current from pins 3 and 4 (VBUS) to ground must be less than 100 µA for
proper attach / removal detection operation.
Note 2.2
It is recommended to use 2 M
Ω pull-down resistors on the DPOUT pin and / or DMOUT
pin if a portable device stimulus is expected when using the Custom charger emulation
profile with the high-speed data switch open. The 2 M
Ω value is based on BC1.1
impedance characteristics for Dedicated Charging Ports.
Note 2.3
To ensure operation, the PWR_EN pin must be enabled, as determined by the SEL pin
decode, when it is not driven by an external device. Furthermore, one of the M1, M2, or
EM_EN pins must be connected to VDD if all three are not driven from an external device.
If the PWR_EN is disabled or all of the M1, M2, and EM_EN are connected to ground, the
UCS1002 will remain in the Sleep or Detect state unless activated via the SMBus.
20
GND
Ground
Power
n/a
Bottom Pad
GND FLAG
Thermal connection to ground plane
Thermal Pad
n/a
Table 2.2 Pin Types
PIN TYPE
DESCRIPTION
Power
This pin is used to supply power or ground to the device.
Hi-Power
This pin is a high current pin.
AIO
Analog Input / Output - this pin is used as an I/O for analog signals.
DI
Digital Input - this pin is used as a digital input.
DIOD
Open-drain Digital Input / Output - this pin is bidirectional. It is open-drain and requires a pull-
up resistor.
OD
Open-drain Digital Output - used as a digital output. It is open-drain and requires a pull-up
resistor.
Table 2.1 UCS1002 Pin Description (continued)
PIN
NUMBER
PIN NAME
PIN FUNCTION
PIN TYPE
IF PIN NOT USED
CONNECTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com