Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-1 Datasheet(PDF) 94 Page - Microchip Technology

Part # UCS1002-1
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-1 Datasheet(HTML) 94 Page - Microchip Technology

Back Button UCS1002-1 Datasheet HTML 90Page - Microchip Technology UCS1002-1 Datasheet HTML 91Page - Microchip Technology UCS1002-1 Datasheet HTML 92Page - Microchip Technology UCS1002-1 Datasheet HTML 93Page - Microchip Technology UCS1002-1 Datasheet HTML 94Page - Microchip Technology UCS1002-1 Datasheet HTML 95Page - Microchip Technology UCS1002-1 Datasheet HTML 96Page - Microchip Technology UCS1002-1 Datasheet HTML 97Page - Microchip Technology UCS1002-1 Datasheet HTML 98Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 116 page
background image
Programmable USB Port Power Controller with Charger Emulation
Datasheet
Revision 1.4 (07-16-13)
94
SMSC UCS1002
DATASHEET
Note 10.3 If STIMX[2:0] = 000b and no other response was applied to the DMOUT pin, the 15 k
Ω
pull-down resistor applied to the DMOUT pin during emulation reset is not removed.
Otherwise, the previous response is left on the DMOUT pin (if applicable) or the 15 k
Ω
pull-down resistor is removed.
Note 10.4 If STIMX[2:0] = 000b and no other response was applied to the DPOUT pin, the 15 k
Ω
pull-down resistor applied to the DPOUT pin during emulation reset is not removed.
Otherwise, the previous response is left on the DPOUT pin (if applicable) or the 15 k
Ω pull-
down resistor is removed.
Table 10.29 Stimulus Response
SX_RX[3:0] SETTING
STIMULUS RESPONSE
3210
0000
Remove previous response on DPOUT and DMOUT.
0001
Apply voltage on DPOUT (see Note 10.3).
0010
Apply voltage on DMOUT (see Note 10.4).
0011
Apply voltage on DPOUT and DMOUT.
0100
Connect resistor from DPOUT to GND (see Note 10.3).
0101
Do not use.
0110
Connect voltage divider from VBUS to GND with “center” at DPOUT (see
Note 10.3).
0111
Connect resistor from DMOUT to GND (see Note 10.4).
1000
Do not use.
1001
Connect voltage divider from VBUS to GND with “center” at DMOUT (see
Note 10.4).
1010
Connect < 200
Ω resistor from DPOUT to DMOUT.
1011
Do not use.
1100
Connect voltage divider from VBUS to GND with “center” at DPOUT.
Connect voltage divider from VBUS to GND with “center” at DMOUT.
1101
Connect resistor from DPOUT to GND and from DMOUT to GND.
1110
If STIMX[2:0] = 000b, the 15 k
Ω pull-down resistors applied to DPOUT and
DMOUT during emulation reset are not removed. If STIMX[2:0] = 111b, the
15 k
Ω pull-down resistors applied to DPOUT and DMOUT during emulation
reset are removed. For all other STIMX[2:0] settings, whatever was applied is
not changed.
1111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com