Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-1 Datasheet(PDF) 44 Page - Microchip Technology

Part # UCS1002-1
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-1 Datasheet(HTML) 44 Page - Microchip Technology

Back Button UCS1002-1 Datasheet HTML 40Page - Microchip Technology UCS1002-1 Datasheet HTML 41Page - Microchip Technology UCS1002-1 Datasheet HTML 42Page - Microchip Technology UCS1002-1 Datasheet HTML 43Page - Microchip Technology UCS1002-1 Datasheet HTML 44Page - Microchip Technology UCS1002-1 Datasheet HTML 45Page - Microchip Technology UCS1002-1 Datasheet HTML 46Page - Microchip Technology UCS1002-1 Datasheet HTML 47Page - Microchip Technology UCS1002-1 Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 116 page
background image
Programmable USB Port Power Controller with Charger Emulation
Datasheet
Revision 1.4 (07-16-13)
44
SMSC UCS1002
DATASHEET
5.2.3
Back-voltage Detection
Whenever the following conditions are true, the port power switch will be disabled, the VBUS bypass
switch will be disabled, the high-speed data switch will be disabled, and a Back-voltage event will be
flagged. This will cause the UCS1002 to enter the Error power state (see Section 5.1.5, "Error State
Operation").
1. The VBUS voltage exceeds the VS voltage by VBV_TH and the port power switch is closed. The
port power switch will be opened immediately. If the condition lasts for longer than tMASK, then the
UCS1002 will enter the Error state. Otherwise, the port power switch will be turned on as soon as
the condition is removed.
2. The VBUS voltage exceeds the VDD voltage by VBV_TH and the VBUS bypass switch is closed.
The bypass switch will be opened immediately. If the condition lasts for longer than tMASK, then the
UCS1002 will enter the Error state. Otherwise, the bypass switch will be turned on as soon as the
condition is removed.
5.2.4
Back-drive Current Protection
If a portable device is attached that is self-powered, it may drive the VBUS port to its power supply
voltage level; however, the UCS1002 is designed such that leakage current from the VBUS pins to the
VDD or VS pins shall not exceed IBD_1 (if the VDD voltage is zero) or IBD_2 (if the VDD voltage exceeds
VDD_TH).
5.2.5
Under-voltage Lockout on VS
The UCS1002 requires a minimum voltage (VS_UVLO) be present on the VS pin for Active power state.
5.2.6
Over-voltage Detection and Lockout on VS
The UCS1002 port power switch will be disabled if the voltage on the VS pin exceeds a voltage
(VS_OV) for longer than the specified time (tMASK). This will cause the device to enter the Error state.
5.3
Discrete Input Pins
APPLICATION NOTE: If it is necessary to connect any of the control pins except the COMM_SEL / ILIM or SEL
pins via a resistor to VDD or GND, the resistor value should not exceed 100 k
Ω in order to
meet the VIH and VIL specifications.
5.3.1
COMM_SEL / ILIM Input
The COMM_SEL / ILIM input determines the initial ILIM settings and the communications mode, as
shown in Table 4.1, "UCS1002 Communication Mode and ILIM Selection".
5.3.2
SEL Input
The SEL pin selects the polarity of the PWR_EN control. In addition, if the UCS1002 is not configured
to operate in Stand-alone mode, the SEL pin determines the SMBus address. See Table 4.2, "SEL Pin
Decode". The SEL pin state is latched upon device power-up and further changes will have no effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com