Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-1 Datasheet(PDF) 70 Page - Microchip Technology

Part # UCS1002-1
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-1 Datasheet(HTML) 70 Page - Microchip Technology

Back Button UCS1002-1 Datasheet HTML 66Page - Microchip Technology UCS1002-1 Datasheet HTML 67Page - Microchip Technology UCS1002-1 Datasheet HTML 68Page - Microchip Technology UCS1002-1 Datasheet HTML 69Page - Microchip Technology UCS1002-1 Datasheet HTML 70Page - Microchip Technology UCS1002-1 Datasheet HTML 71Page - Microchip Technology UCS1002-1 Datasheet HTML 72Page - Microchip Technology UCS1002-1 Datasheet HTML 73Page - Microchip Technology UCS1002-1 Datasheet HTML 74Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 116 page
background image
Programmable USB Port Power Controller with Charger Emulation
Datasheet
Revision 1.4 (07-16-13)
70
SMSC UCS1002
DATASHEET
37h
R
Preloaded Emulation
Stimulus 2 - Config 3
Indicates the threshold and pull-up
/ pull-down settings for stimulus 2
00h
Page 90
38h
R
Preloaded Emulation
Stimulus 2 - Config 4
Indicates the resistor ratio for
stimulus 2
00h
Page 90
39h
R
Preloaded Emulation
Stimulus 3 - Config 1
Indicates the stimulus and timing
for stimulus 3 (CDP only)
00h
Page 90
3Ah
R
Preloaded Emulation
Stimulus 3 - Config 2
Indicates the response and
magnitude for stimulus 3 (CDP
only)
00h
Page 90
3Bh
R
Preloaded Emulation
Stimulus 3 - Config 3
Indicates the threshold and pull-up
/ pull-down settings for stimulus 3
(CDP only)
00h
Page 90
40h
R/W
Custom Emulation
Config
Controls general configuration of
the Custom charger emulation
profile
01h
Page 99
41h
R/W
Custom Stimulus /
Response Pair 1 -
Config 1
Sets the stimulus and timing for
stimulus 1
00h
Page 99
42h
R/W
Custom Stimulus /
Response Pair 1 -
Config 2
Sets the response and magnitude
for stimulus 1
00h
Page 99
43h
R/W
Custom Stimulus /
Response Pair 1 -
Config 3
Sets the threshold and pull-up /
pull-down settings for stimulus 1
00h
Page 99
44h
R/W
Custom Stimulus /
Response Pair 1 -
Config 4
Sets the resistor ratio for stimulus
1
00h
Page 99
45h
R/W
Custom Stimulus /
Response Pair 2 -
Config 1
Sets the stimulus and timing for
stimulus 2
00h
Page 99
46h
R/W
Custom Stimulus /
Response Pair 2 -
Config 2
Sets the response and magnitude
for stimulus 2
00h
Page 99
47h
R/W
Custom Stimulus /
Response Pair 2 -
Config 3
Sets the threshold and pull-up /
pull-down settings for stimulus 2
00h
Page 99
48h
R/W
Custom Stimulus /
Response Pair 2 -
Config 4
Sets the resistor ratio for stimulus
2
00h
Page 99
49h
R/W
Custom Emulation
Stimulus 3 - Config 1
Sets the stimulus and timing for
stimulus 3
00h
Page 99
Table 10.1 Register Set in Hexadecimal Order (continued)
REGISTER
ADDRESS
R/W
REGISTER NAME
FUNCTION
DEFAULT
VALUE
PAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com