Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-1 Datasheet(PDF) 41 Page - Microchip Technology

Part # UCS1002-1
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-1 Datasheet(HTML) 41 Page - Microchip Technology

Back Button UCS1002-1 Datasheet HTML 37Page - Microchip Technology UCS1002-1 Datasheet HTML 38Page - Microchip Technology UCS1002-1 Datasheet HTML 39Page - Microchip Technology UCS1002-1 Datasheet HTML 40Page - Microchip Technology UCS1002-1 Datasheet HTML 41Page - Microchip Technology UCS1002-1 Datasheet HTML 42Page - Microchip Technology UCS1002-1 Datasheet HTML 43Page - Microchip Technology UCS1002-1 Datasheet HTML 44Page - Microchip Technology UCS1002-1 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 116 page
background image
Programmable USB Port Power Controller with Charger Emulation
Datasheet
SMSC UCS1002
41
Revision 1.4 (07-16-13)
DATASHEET
5.1.3
Detect State Operation
When the UCS1002 is in the Detect state, the port power switch will be disabled. The high-speed
switch is also disabled by default. The VBUS output will be connected to the VDD voltage by a
secondary bypass switch (see Chapter 8, Detect State).
There is one non-recommended configuration which places the UCS1002 in the Detect state, but
VBUS will not be discharged and a portable device attachment will not be detected. For the
recommended configurations, see Table 5.1, "Power States Control Settings".
NOT RECOMMENDED: PWR_EN is enabled, S0 = ‘1’, and M1, M2, and EM_EN are all ‘0’.
There are two methods for transitioning from the Detect state to the Active state: automatic and host-
controlled.
5.1.3.1
Automatic Transition from Detect to Active
For the Detect state, set S0 to ‘1’, enable PWR_EN, set the EM_EN, M1, and M2 controls to the
desired Active mode (Table 9.1, "Active Mode Selection"), and supply VS > VS_UVLO. When a portable
device is attached and an Attach Detection event occurs, the UCS1002 will automatically transition to
the Active state and operate according to the selected Active mode.
5.1.3.2
Host-Controlled Transition from Detect to Active
For the Detect state, set S0 to ‘1’, set the EM_EN, M1, and M2 controls to the desired Active mode
(Table 9.1, "Active Mode Selection"), and configure one of the following: 1) disable PWR_EN and
supply VS, or 2) enable PWR_EN and don’t supply VS. When a portable device is attached and an
Attach Detection event occurs, the host must respond to transition to the Active state. Depending on
the control settings in the Detect state, this could entail 1) enabling PWR_EN or 2) supplying VS above
the threshold.
APPLICATION NOTE: If S0 is '1', PWR_EN is enabled, and VS is not present, the A_DET# pin will cycle if the
current draw exceeds the current capacity of the bypass switch.
5.1.3.3
State Change from Detect to Active
When conditions cause the UCS1002 to transition from the Detect state to the Active state, the
following occurs:
1. The Attach Detection feature will be disabled; the Removal Detection feature remains enabled,
unless S0 is changed to ‘0’.
Figure 5.6 Wake Via SMBus Read with S0 = ‘0’
0101_111
0
A
invalid dataN P
SMBus Read
A
0001_0000
0101_111
0
A
valid data N P
0001_0000
S
S
tIDLE_SLEEP
Sleep
Sleep
Dummy read returns invalid data
and places device in temporary
Active state
Read returns valid data
0101_111
1
A
S
0101_111
1
A
S
A
Power State
temporary Active state
(not all functionality available)
tSMB_WAKE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com