Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-1 Datasheet(PDF) 36 Page - Microchip Technology

Part # UCS1002-1
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-1 Datasheet(HTML) 36 Page - Microchip Technology

Back Button UCS1002-1 Datasheet HTML 32Page - Microchip Technology UCS1002-1 Datasheet HTML 33Page - Microchip Technology UCS1002-1 Datasheet HTML 34Page - Microchip Technology UCS1002-1 Datasheet HTML 35Page - Microchip Technology UCS1002-1 Datasheet HTML 36Page - Microchip Technology UCS1002-1 Datasheet HTML 37Page - Microchip Technology UCS1002-1 Datasheet HTML 38Page - Microchip Technology UCS1002-1 Datasheet HTML 39Page - Microchip Technology UCS1002-1 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 116 page
background image
Programmable USB Port Power Controller with Charger Emulation
Datasheet
Revision 1.4 (07-16-13)
36
SMSC UCS1002
DATASHEET
.
Figure 5.4 shows a system configuration in which the UCS1002 provides a port power switch, low
power Attach Detection, charger emulation (with no USB host), and portable device attachment
detected signaling. This configuration is useful for wall adapter type applications.
Figure 5.3 UCS1002 System Configuration (No SMBus, No Charger Emulation)
UCS1002
LATCH
ALERT#
PWR_EN
3 V – 5.5 V
GND
Device
DPIN
DMIN
DPOUT
DMOUT
VDD
5 V
VBUS1
VBUS2
VS1
VS2
COMM_SEL / ILIM
3 V – 5.5 V
Auto-recovery
Upon Fault
Latch
Upon Fault
EM_EN
M1
M2
SEL
A_DET#
5 V Host
CBUS
USB Host
(DP, DM)
S0
Disable Detect
State
Enable Detect
State
CIN
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com