Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-1 Datasheet(PDF) 71 Page - Microchip Technology

Part # UCS1002-1
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-1 Datasheet(HTML) 71 Page - Microchip Technology

Back Button UCS1002-1 Datasheet HTML 67Page - Microchip Technology UCS1002-1 Datasheet HTML 68Page - Microchip Technology UCS1002-1 Datasheet HTML 69Page - Microchip Technology UCS1002-1 Datasheet HTML 70Page - Microchip Technology UCS1002-1 Datasheet HTML 71Page - Microchip Technology UCS1002-1 Datasheet HTML 72Page - Microchip Technology UCS1002-1 Datasheet HTML 73Page - Microchip Technology UCS1002-1 Datasheet HTML 74Page - Microchip Technology UCS1002-1 Datasheet HTML 75Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 116 page
background image
Programmable USB Port Power Controller with Charger Emulation
Datasheet
SMSC UCS1002
71
Revision 1.4 (07-16-13)
DATASHEET
During power-on reset (POR), the default values are stored in the registers. A POR is initiated when
power is first applied to the part and the voltage on the VDD supply surpasses the VDD_TH level as
specified in the electrical characteristics. Any reads to undefined registers will return 00h. Writes to
undefined registers will not have an effect.
When a bit is “set”, this means that the user writes a logic ‘1’ to it. When a bit is “cleared”, this means
that the user writes a logic ‘0’ to it.
10.1
Current Measurement Register
The Current Measurement register stores the measured current value delivered to the portable device
(IBUS). This value is updated continuously while the device is in the Active power state. The bit weights
are in mA and the range is from 9.76 mA to 2.5 A.
This data will be cleared when the device enters the Sleep or Detect states. This data will also be
cleared whenever the port power switch is turned off (including during emulation or any time that VBUS
is discharged).
4Ah
R/W
Custom Stimulus /
Response Pair 3 -
Config 2
Sets the response and magnitude
for stimulus 3
00h
Page 99
4Bh
R/W
Custom Stimulus /
Response Pair 3 -
Config 3
Sets the threshold and pull-up /
pull-down settings for stimulus 3
00h
Page 99
4Ch
R/W
Custom Stimulus /
Response Pair 3 -
Config 4
Sets the resistor ratio for stimulus
3
00h
Page 99
50h
R
Applied Current
Limiting Behavior
Indicates the applied current
limiting behavior
82h
Page 102
51h
R/W
Custom Current
Limiting Behavior
Config
Controls the custom current
limiting behavior
82h
Page 102
FDh
R
Product ID
Stores a fixed value that identifies
each product
4Eh
Page 103
FEh
R
Manufacturer ID
Stores a fixed value that identifies
SMSC
5Dh
Page 104
FFh
R
Revision
Stores a fixed value that
represents the revision number
82h
Page 104
Table 10.2 Current Measurement Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
00h
R
Current
Measurement
1249.3
624.6
312.3
156.2
78.1
39.0
19.5
9.76
00h
Table 10.1 Register Set in Hexadecimal Order (continued)
REGISTER
ADDRESS
R/W
REGISTER NAME
FUNCTION
DEFAULT
VALUE
PAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com