Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-1 Datasheet(PDF) 92 Page - Microchip Technology

Part # UCS1002-1
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-1 Datasheet(HTML) 92 Page - Microchip Technology

Back Button UCS1002-1 Datasheet HTML 88Page - Microchip Technology UCS1002-1 Datasheet HTML 89Page - Microchip Technology UCS1002-1 Datasheet HTML 90Page - Microchip Technology UCS1002-1 Datasheet HTML 91Page - Microchip Technology UCS1002-1 Datasheet HTML 92Page - Microchip Technology UCS1002-1 Datasheet HTML 93Page - Microchip Technology UCS1002-1 Datasheet HTML 94Page - Microchip Technology UCS1002-1 Datasheet HTML 95Page - Microchip Technology UCS1002-1 Datasheet HTML 96Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 116 page
background image
Programmable USB Port Power Controller with Charger Emulation
Datasheet
Revision 1.4 (07-16-13)
92
SMSC UCS1002
DATASHEET
APPLICATION NOTE: The Legacy charger emulation profiles and the BC1.2 DCP charger emulation profile do not
use the Stimulus 3 Configuration registers (39h - 3Bh). Whenever these charger emulation
profiles are applied, registers 39h - 3Bh will not be updated and their contents should be
ignored.
10.12.3
Preloaded Emulation Stimulus X - Config 1 - 31h, 35h, 39h
The contents of this register are not retained during Sleep. They are updated as needed.
APPLICATION NOTE: The Legacy charger emulation profiles do not use these settings. Whenever a Legacy
charger emulation profile is applied within the DCE Cycle, these controls will not be updated
and should be ignored. These settings are only used by the BC1.2 CDP and BC1.2 DCP
charger emulation profiles.
Bit 6 - SX_TD_TYPE - Determines the behavior of the stimulus timer.
‘0’ - The stimulus timer is a delay from when the stimulus is detected until the response is
performed.
‘1’ - The stimulus timer controls how long the response is applied after the stimulus is detected.
The response is applied immediately and held for the duration of the timer then removed (if the
stimulus has been removed).
Bits 5 - 3 - SX_TD[2:0] - Determines the stimulus X tSTIM_DEL value as shown in Table 10.27.
Bits 2 - 0 - STIMX[2:0] - Determines the stimulus that is used as shown in Table 10.28.
Table 10.27 Stimulus Delay Time Options
SX_TD[2:0] SETTING
TIME DELAY
210
000
0 ms
001
1 ms
010
5 ms
011
10 ms
100
20 ms
101
40 ms
110
80 ms
111
100 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com