Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-1 Datasheet(PDF) 29 Page - Microchip Technology

Part # UCS1002-1
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-1 Datasheet(HTML) 29 Page - Microchip Technology

Back Button UCS1002-1 Datasheet HTML 25Page - Microchip Technology UCS1002-1 Datasheet HTML 26Page - Microchip Technology UCS1002-1 Datasheet HTML 27Page - Microchip Technology UCS1002-1 Datasheet HTML 28Page - Microchip Technology UCS1002-1 Datasheet HTML 29Page - Microchip Technology UCS1002-1 Datasheet HTML 30Page - Microchip Technology UCS1002-1 Datasheet HTML 31Page - Microchip Technology UCS1002-1 Datasheet HTML 32Page - Microchip Technology UCS1002-1 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 116 page
background image
Programmable USB Port Power Controller with Charger Emulation
Datasheet
SMSC UCS1002
29
Revision 1.4 (07-16-13)
DATASHEET
4.2.1.3
SMBus Data Bytes
All SMBus data bytes are sent most significant bit first and composed of 8-bits of information.
4.2.1.4
SMBus ACK and NACK Bits
The SMBus client will acknowledge all data bytes that it receives. This is done by the client device
pulling the SMBus data line low after the 8th bit of each byte that is transmitted. This applies to both
the Write Byte and Block Write protocols.
The host will NACK (not acknowledge) the last data byte to be received from the client by holding the
SMBus data line high after the 8th data bit has been sent. For the Block Read protocol, the host will
ACK each data byte that it receives except the last data byte.
4.2.1.5
SMBus Stop Bit
The SMBus Stop bit is defined as a transition of the SMBus data line from a logic ‘0’ state to a logic
‘1’ state while the SMBus clock line is in a logic ‘1’ state. When the UCS1002 detects an SMBus Stop
Table 4.2 SEL Pin Decode
RESISTOR (±5%)
PWR_EN
POLARITY
SMBUS ADDRESS
GND
Active Low
1010_111(r/w)
10 k
Ω pull-down
Active Low
1010_110(r/w)
12 k
Ω pull-down
Active Low
1010_101(r/w)
15 k
Ω pull-down
Active Low
1010_100(r/w)
18 k
Ω pull-down
Active Low
0110_000(r/w)
22 k
Ω pull-down
Active Low
0110_001(r/w)
27 k
Ω pull-down
Active Low
0110_010(r/w)
33 k
Ω pull-down
Active Low
0110_011(r/w)
47 k
Ω pull-down
Active High
0110_011(r/w)
56 k
Ω pull-down
Active High
0110_010(r/w)
68 k
Ω pull-down
Active High
0110_001(r/w)
82 k
Ω pull-down
Active High
0110_000(r/w)
100 k
Ω pull-down
Active High
1010_100(r/w)
120 k
Ω pull-down
Active High
1010_101(r/w)
150 k
Ω pull-down
Active High
1010_110(r/w)
VDD
(If a pull-up resistor is used, its
value must not exceed 100 k
Ω.)
Active High
1010_111(r/w)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com