Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-1 Datasheet(PDF) 35 Page - Microchip Technology

Part # UCS1002-1
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-1 Datasheet(HTML) 35 Page - Microchip Technology

Back Button UCS1002-1 Datasheet HTML 31Page - Microchip Technology UCS1002-1 Datasheet HTML 32Page - Microchip Technology UCS1002-1 Datasheet HTML 33Page - Microchip Technology UCS1002-1 Datasheet HTML 34Page - Microchip Technology UCS1002-1 Datasheet HTML 35Page - Microchip Technology UCS1002-1 Datasheet HTML 36Page - Microchip Technology UCS1002-1 Datasheet HTML 37Page - Microchip Technology UCS1002-1 Datasheet HTML 38Page - Microchip Technology UCS1002-1 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 116 page
background image
Programmable USB Port Power Controller with Charger Emulation
Datasheet
SMSC UCS1002
35
Revision 1.4 (07-16-13)
DATASHEET
Figure 5.2 shows a system configuration in which the UCS1002 provides a USB data switch, port
power switch, low power Attach Detection, and portable device Attach / Removal Detection signaling.
This configuration does not include configurable data line charger emulation, programmable current
limiting, or current monitoring and rationing.
.
Figure 5.3 shows a system configuration in which the UCS1002 provides a port power switch, low
power Attach Detection, and portable device attachment detected signaling. This configuration is useful
for applications that already provide USB BC1.2 and/or legacy data line handshaking on the USB data
lines, but still require port power switching and current limiting.
Figure 5.2 UCS1002 System Configuration (Charger Emulation, No SMBus, with USB Host)
UCS1002
LATCH
ALERT#
PWR_EN
3 V – 5.5 V
GND
Device
DPIN
DMIN
DPOUT
DMOUT
VDD
5 V
VBUS1
VBUS2
VS1
VS2
COMM_SEL / ILIM
3 V – 5.5 V
Auto-recovery
Upon Fault
Latch
Upon Fault
EM_EN
M1
M2
SEL
A_DET#
5 V Host
CBUS
USB Host
S0
Disable
Detect State
Enable
Detect State
CIN
VDD
> 47k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com