Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-1 Datasheet(PDF) 17 Page - Microchip Technology

Part # UCS1002-1
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-1 Datasheet(HTML) 17 Page - Microchip Technology

Back Button UCS1002-1 Datasheet HTML 13Page - Microchip Technology UCS1002-1 Datasheet HTML 14Page - Microchip Technology UCS1002-1 Datasheet HTML 15Page - Microchip Technology UCS1002-1 Datasheet HTML 16Page - Microchip Technology UCS1002-1 Datasheet HTML 17Page - Microchip Technology UCS1002-1 Datasheet HTML 18Page - Microchip Technology UCS1002-1 Datasheet HTML 19Page - Microchip Technology UCS1002-1 Datasheet HTML 20Page - Microchip Technology UCS1002-1 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 116 page
background image
Programmable USB Port Power Controller with Charger Emulation
Datasheet
SMSC UCS1002
17
Revision 1.4 (07-16-13)
DATASHEET
SMBus / I2C Timing
Input Capacitance
CIN
5pF
Clock Frequency
fSMB
10
400
kHz
Spike Suppression
tSP
50
ns
Bus Free Time Stop to
Start
tBUF
1.3
µs
Start Setup Time
tSU:STA
0.6
µs
Start Hold Time
tHD:STA
0.6
µs
Stop Setup Time
tSU:STO
0.6
µs
Data Hold Time
tHD:DAT
0
µs
When transmitting to the
master
Data Hold Time
tHD:DAT
0.3
µs
When receiving from the
master
Data Setup Time
tSU:DAT
0.6
µs
Clock Low Period
tLOW
1.3
µs
Clock High Period
tHIGH
0.6
µs
Clock / Data Fall Time
tFALL
300
ns
Min = 20+0.1CLOAD ns
Clock / Data Rise Time
tRISE
300
ns
Min = 20+0.1CLOAD ns
Capacitive Load
CLOAD
400
pF
Per bus line
Timeout
tTIMEOUT
25
35
ms
Disabled by default
Idle Reset
tIDLE_RESET
350
µs
Disabled by default.
High-speed Data Switch
High-speed Data Switch - DC Parameters
Switch Leakage Current
IHSW_OFF
±0.5
µA
Switch open - DPIN to DPOUT,
DMIN to DMOUT, or all four
pins to ground. VDD < VS.
Charger Resistance
RCHG
2M
Ω
DPOUT or DMOUT to VBUS or
ground, see Figure 3.2
BC1.2 DCP charger emulation
active
Table 3.3 Electrical Specifications (continued)
VDD = 4.5 V to 5.5 V, VS = 2.9 V to 5.5 V, VPULLUP = 3V to 5.5V, TA = -40 °C to 85 °C
all Typical values at VDD = VS = 5 V, TA = 27 °C unless otherwise noted.
CHARACTERISTIC
SYMBOL
MIN
TYP
MAX
UNIT
CONDITIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com