Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-1 Datasheet(PDF) 84 Page - Microchip Technology

Part # UCS1002-1
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-1 Datasheet(HTML) 84 Page - Microchip Technology

Back Button UCS1002-1 Datasheet HTML 80Page - Microchip Technology UCS1002-1 Datasheet HTML 81Page - Microchip Technology UCS1002-1 Datasheet HTML 82Page - Microchip Technology UCS1002-1 Datasheet HTML 83Page - Microchip Technology UCS1002-1 Datasheet HTML 84Page - Microchip Technology UCS1002-1 Datasheet HTML 85Page - Microchip Technology UCS1002-1 Datasheet HTML 86Page - Microchip Technology UCS1002-1 Datasheet HTML 87Page - Microchip Technology UCS1002-1 Datasheet HTML 88Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 116 page
background image
Programmable USB Port Power Controller with Charger Emulation
Datasheet
Revision 1.4 (07-16-13)
84
SMSC UCS1002
DATASHEET
10.7
Auto-recovery Configuration Register
The contents of this register are retained in Sleep.
The Auto-recovery Configuration register sets the parameters used when the Auto-recovery fault
handling algorithm is invoked (see Section 7.6.1, "Auto-recovery Fault Handling").
Once the Auto-recovery fault handling algorithm has checked the over-temperature and back-drive
conditions, it will set the ILIM value to ITEST and then turn on the port power switch and start the tRST
Timer. If, after the timer has expired, the VBUS voltage is less than VTEST, then it is assumed that a
short circuit condition is present and the Error state is reset.
Bits 6 - 4 - TCYCLE[2:0] - Defines the delay (tCYCLE) after the Error state is entered before the Auto-
recovery fault handling algorithm is started as shown in Table 10.15.
Bits 3 - 2 - TRST_SW[1:0] - Sets the tRST time as shown in Table 10.16.
Table 10.14 Auto-recovery Configuration Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
1Ch
R/W
Auto-recovery
Configuration
-
TCYCLE[2:0]
TRST_SW[1:0]
VTST_SW[1:0]
2Ah
Table 10.15 tCYCLE Options
TCYCLE [2:0]
TCYCLE TIME
210
000
15 ms
001
20 ms
0
1
0
25 ms (default)
011
30 ms
100
35 ms
101
40 ms
110
45 ms
111
50 ms
Table 10.16 TRST_SW Options
TRST_SW[1:0]
TRST
10
00
10 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com