Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-1 Datasheet(PDF) 90 Page - Microchip Technology

Part # UCS1002-1
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-1 Datasheet(HTML) 90 Page - Microchip Technology

Back Button UCS1002-1 Datasheet HTML 86Page - Microchip Technology UCS1002-1 Datasheet HTML 87Page - Microchip Technology UCS1002-1 Datasheet HTML 88Page - Microchip Technology UCS1002-1 Datasheet HTML 89Page - Microchip Technology UCS1002-1 Datasheet HTML 90Page - Microchip Technology UCS1002-1 Datasheet HTML 91Page - Microchip Technology UCS1002-1 Datasheet HTML 92Page - Microchip Technology UCS1002-1 Datasheet HTML 93Page - Microchip Technology UCS1002-1 Datasheet HTML 94Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 116 page
background image
Programmable USB Port Power Controller with Charger Emulation
Datasheet
Revision 1.4 (07-16-13)
90
SMSC UCS1002
DATASHEET
10.12 Preloaded Emulation Configuration Registers
Table 10.25 Preloaded Emulation Configuration Registers
ADDR
R/W
REGISTER
B7
B6
B5B4B3B2B1B0
DEFAULT
30h
R
Applied
Charger
Emulation
-
-
-
-
PRE_EM_SEL[3:0]
00h
31h
R
Preloaded
Emulation
Stimulus 1 -
Config 1
-S1_TD
_TYPE
S1_TD[2:0]
STIM1[2:0]
00h
32h
R
Preloaded
Emulation
Stimulus 1 -
Config 2
S1_R1MAG[3:0]
S1_R1[3:0]
00h
33h
R
Preloaded
Emulation
Stimulus 1 -
Config 3
-
-
S1_PUPD[1:0]
S1_TH[3:0]
00h
34h
R
Preloaded
Emulation
Stimulus 1 -
Config 4
-
-
-
-
-
S1_RATIO[2:0]
00h
35h
R
Preloaded
Emulation
Stimulus 2 -
Config 1
-S2_TD
_TYPE
S2_TD[2:0]
STIM2[2:0]
00h
36h
R
Preloaded
Emulation
Stimulus 2 -
Config 2
S2_R2MAG[3:0]
S2_R2[3:0]
00h
37h
R
Preloaded
Emulation
Stimulus 2 -
Config 3
-
-
S2_PUPD[1:0]
S2_TH[3:0]
00h
38h
R
Preloaded
Emulation
Stimulus 2 -
Config 4
-
-
-
-
-
S2_RATIO[2:0]
00h
39h
R
Preloaded
Emulation
Stimulus 3 -
Config 1
-S3_TD
_TYPE
S3_TD[2:0]
STIM3[2:0]
00h
3Ah
R
Preloaded
Emulation
Stimulus 3 -
Config 2
S3_R3MAG[3:0]
S3_R3[3:0]
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com