Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-1 Datasheet(PDF) 78 Page - Microchip Technology

Part # UCS1002-1
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-1 Datasheet(HTML) 78 Page - Microchip Technology

Back Button UCS1002-1 Datasheet HTML 74Page - Microchip Technology UCS1002-1 Datasheet HTML 75Page - Microchip Technology UCS1002-1 Datasheet HTML 76Page - Microchip Technology UCS1002-1 Datasheet HTML 77Page - Microchip Technology UCS1002-1 Datasheet HTML 78Page - Microchip Technology UCS1002-1 Datasheet HTML 79Page - Microchip Technology UCS1002-1 Datasheet HTML 80Page - Microchip Technology UCS1002-1 Datasheet HTML 81Page - Microchip Technology UCS1002-1 Datasheet HTML 82Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 116 page
background image
Programmable USB Port Power Controller with Charger Emulation
Datasheet
Revision 1.4 (07-16-13)
78
SMSC UCS1002
DATASHEET
10.4
Configuration Registers
The Configuration registers control basic device functionality.
10.4.1
General Configuration - 15h
The contents of this register are retained in Sleep.
Bit 7 - ALERT_MASK - Disables the ALERT# pin from asserting in the case of an error.
‘0’ (default) - The ALERT# pin will be asserted if an error condition or indicator event is detected.
‘1’ - The ALERT# pin will not be asserted in the event of an error condition.
Bit 5 - ALERT_LINK - Links the ALERT# pin to be asserted when the LOW_CUR and/or TREG bits
are set.
‘0’ (default) - The ALERT# pin will not be asserted if the LOW_CUR or TREG indicator bit is set.
‘1’ - The ALERT# pin will be asserted if the LOW_CUR or TREG indicator bit is set.
Bit 4 - DISCHARGE - Forces the VBUS to be reset and discharged when the UCS1002 is in the Active
state. Writing this bit to a logic ‘1’ will cause the port power switch to be opened and the discharge
circuitry to activate to discharge VBUS. The port power switch will remain open while this bit is ‘1’.
This bit is not self-clearing.
Bit 3 - RATION_EN - Enables charge rationing functionality and power monitoring.
‘0’ (default) - Charge rationing is disabled. The Total Accumulated Charge registers will be cleared
to 00_00h and current data will no longer be accumulated. If the Total Accumulated Charge
registers have already reached the Charge Rationing Threshold (see Section 10.6, "Charge
Rationing Threshold Registers"), the applied response will be removed as if the charge rationing
had been reset. This will also clear the RATION status bit (if set).
‘1’ - Charge rationing is enabled (see Section 7.5, "Battery Full").
Bit 2 - RATION_RST - Resets the charge rationing functionality. When this bit is set to ‘1’, the Total
Accumulated Charge registers are reset to 00_00h. In addition, when this bit is set, the RATION status
bit will be cleared and, if there are no other errors or active indicators, the ALERT# pin will be released.
Table 10.7 Configuration Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
15h
R/W
General
Configuration
ALERT_
MASK
-ALERT
_LINK
DISCH
ARGE
RATION
_EN
RATION
_RST
RATION_BEH
[1:0]
01h
16h
R/W
Emulation
Configuration
DIS_TO
-
-
EM_TI
MEOU
T_DIS
EM_R
ETRY
LEAVE_
EMU
_RESP
EM_RESET_
TIME[1:0]
8Ch
17h
R/W
Switch
Configuration
PIN_IG
NORE
-EM_
EN_
SET
M2_
SET
M1_
SET
S0_
SET
PWR_
EN_
SET
LATCH
_SET
04h
18h
R/W
Attach Detect
Configuration
0
1
0
0
DISCHG_TIME_
SEL[1:0]
ATT_TH[1:0]
46h
25h
R/W
High-speed
Switch
Configuration
--
-
1
HSW_C
UST
HSW_
CDP
HSW_
DET
HSW_
DCE
14h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com