Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-1 Datasheet(PDF) 82 Page - Microchip Technology

Part # UCS1002-1
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-1 Datasheet(HTML) 82 Page - Microchip Technology

Back Button UCS1002-1 Datasheet HTML 78Page - Microchip Technology UCS1002-1 Datasheet HTML 79Page - Microchip Technology UCS1002-1 Datasheet HTML 80Page - Microchip Technology UCS1002-1 Datasheet HTML 81Page - Microchip Technology UCS1002-1 Datasheet HTML 82Page - Microchip Technology UCS1002-1 Datasheet HTML 83Page - Microchip Technology UCS1002-1 Datasheet HTML 84Page - Microchip Technology UCS1002-1 Datasheet HTML 85Page - Microchip Technology UCS1002-1 Datasheet HTML 86Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 116 page
background image
Programmable USB Port Power Controller with Charger Emulation
Datasheet
Revision 1.4 (07-16-13)
82
SMSC UCS1002
DATASHEET
10.4.5
High-speed Switch Configuration - 25h
The contents of this register are retained in Sleep.
Bit 4 - RESERVED - This bit will default to ‘1’. Changing this bit will have no effect.
Bit 3 - HSW_CUST - Enables the USB high-speed data switch to be active during the Custom
handshake. This control is checked at the beginning of charger emulation. Therefore, changing this
control during emulation will have no immediate effect. Upon restarting charger emulation (as a result
of the EM_RETRY bit being set, a Removal Detection event, or change of emulation controls), the
high-speed switch will close.
‘0’ (default) - The USB high-speed data switch is disabled while the Custom charger emulation
profile is applied.
‘1’ - The USB high-speed data switch is enabled while the Custom charger emulation profile is
applied. Also, if the Custom charger emulation profile is accepted during the Dedicated Charger
Emulation Cycle, the high-speed switch will stay closed.
Bit 2 - HSW_CDP - Enables the USB high-speed data switch to be active during the CDP handshake.
This control is checked at the beginning of charger emulation. Therefore, changing this control during
emulation will have no immediate effect. Upon restarting charger emulation (as a result of a Removal
Detection event or change of emulation controls), the high-speed switch will close.
‘0’ - The USB high-speed data switch is disabled during the CDP handshake.
‘1’ (default) - The USB high-speed data switch is enabled during the CDP handshake.
Bit 1 - HSW_DET - Enables the USB high-speed data switch to be active during the Detect power
state. If the S0 control is set to ‘0’, this bit is ignored.
‘0’ (default) - The USB high-speed data switch is open during the Detect power state.
‘1’ - The USB high-speed data switch will be closed during the Detect power state.
Bit 0 - HSW_DCE - Enables the USB high-speed data switch after the DCP charger emulation profile
or one of the Legacy charger emulation profiles was accepted during the DCE Cycle and the portable
device is charging. This bit is ignored if the UCS1002 is not in the Active state. This bit will not cause
the high-speed switch to be closed during emulation when the DCP and Legacy profiles are applied,
only after the DCP or a Legacy charger emulation profile has been accepted.
‘0’ (default) - The USB high-speed data switch will be open.
‘1’ - The USB high-speed data switch will be closed.
10.5
Current Limit Register
The Current Limit register controls the ILIM used by the port power switch. The default setting is based
on the resistor on the COMM_SEL / ILIM pin and this value cannot be changed to be higher than
hardware set value.
The contents of this register are retained in Sleep.
Table 10.11 Current Limit Register
ADDR
R/W
REGISTER
B7B6B5B4B3B2B1B0
DEFAULT
19h
R/W
Current Limit
-----
ILIM_SW[2:0]
Set by
COMM_SEL
/ ILIM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com