Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-1 Datasheet(PDF) 103 Page - Microchip Technology

Part # UCS1002-1
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-1 Datasheet(HTML) 103 Page - Microchip Technology

Back Button UCS1002-1 Datasheet HTML 99Page - Microchip Technology UCS1002-1 Datasheet HTML 100Page - Microchip Technology UCS1002-1 Datasheet HTML 101Page - Microchip Technology UCS1002-1 Datasheet HTML 102Page - Microchip Technology UCS1002-1 Datasheet HTML 103Page - Microchip Technology UCS1002-1 Datasheet HTML 104Page - Microchip Technology UCS1002-1 Datasheet HTML 105Page - Microchip Technology UCS1002-1 Datasheet HTML 106Page - Microchip Technology UCS1002-1 Datasheet HTML 107Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 116 page
background image
Programmable USB Port Power Controller with Charger Emulation
Datasheet
SMSC UCS1002
103
Revision 1.4 (07-16-13)
DATASHEET
Bits 4 - 2 - CS_R2_IMIN[2:0] - Define the Custom IBUS_R2MIN threshold as shown in Table 10.40. The
default is 100 mA. This value is used under the following conditions: when a portable device
handshakes using the Legacy charger emulation profiles (except Legacy 2) or the Custom charger
emulation profile, or when it does not handshake in DCE Cycle (i.e., a power thief)). Under these
conditions, the current limiting mode is determined by the relative value of IBUS_R2MIN and ILIM. When
IBUS_R2MIN < ILIM or ILIM > 1.5 A, trip current limiting used; otherwise, CC mode is used.
Bits 1 - 0 - RESERVED - Do not change.
10.15 Product ID Register
The Product ID register stores a unique 8-bit value that identifies the device.
Table 10.39 VBUS_MIN Threshold Options
X_VBUS_MIN[1:0]
VBUS_MIN VALUE
10
00
1.5 V
0
1
1.75 V
1
0
2.0 V (default)
1
1
2.25 V
Table 10.40 IBUS_R2MIN Threshold Options
X_R2_IMIN[2:0]
IBUS_R2MIN VALUE
210
000
100 mA
001
500 mA
010
900 mA
011
1200 mA
100
1500 mA
101
1800 mA
Table 10.41 Product ID Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
FDh
R
Product ID
01001110
4Eh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com