Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2200 Datasheet(PDF) 235 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 235 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 231Page - National Semiconductor (TI) SC2200 Datasheet HTML 232Page - National Semiconductor (TI) SC2200 Datasheet HTML 233Page - National Semiconductor (TI) SC2200 Datasheet HTML 234Page - National Semiconductor (TI) SC2200 Datasheet HTML 235Page - National Semiconductor (TI) SC2200 Datasheet HTML 236Page - National Semiconductor (TI) SC2200 Datasheet HTML 237Page - National Semiconductor (TI) SC2200 Datasheet HTML 238Page - National Semiconductor (TI) SC2200 Datasheet HTML 239Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 433 page
background image
Revision 3.0
235
www.national.com
Core Logic Module (Continued)
5.4.1.2
LPC Support Registers
F0 Index 14h, Base Address Register 1 (F0BAR1) points to
the base address of the register space that contains the
configuration registers for LPC support. Table 5-31 gives
the bit formats of the I/O mapped registers accessed
through F0BAR1.
The LPC Interface supports all features described in the
LPC bus specification 1.0, with the following exceptions:
• Only 8- or 16-bit DMA, depending on channel number.
Does not support the optional larger transfer sizes.
• Only one external DRQ pin.
Table 5-31. F0BAR1+I/O Offset: LPC Interface Configuration Registers
Bit
Description
Offset 00h-03h
SERIRQ_SRC — Serial IRQ Source Register (R/W)
Reset Value: 00000000h
31:21
Reserved.
20
INTD Source. Selects the interface source of the INTD# signal.
0: PCI - INTD#. (Program PMR[24] = 1 to enable INTD# function on ball.)
1: LPC - SERIRQ. (Program PMR[14] = 1 and PMR[22] = 1 or LPC_ROM strap = 1 to enable SERIRQ function on ball.)
19
INTC Source. Selects the interface source of the INTC# signal.
0: PCI - INTC#. (Program PMR[4] =1 and PMR[9] = 0 to enable INTD# function on ball.
1: LPC - SERIRQ. (Program PMR[14] = 1 and PMR[22] = 1 or LPC_ROM strap = 1 to enable SERIRQ function on ball.)
18
INTB Source. Selects the interface source of the INTB# signal.
0: PCI - INTB#.
1: LPC - SERIRQ. (Program PMR[14] = 1 and PMR[22] = 1 or LPC_ROM strap = 1 to enable SERIRQ function on ball.)
17
INTA Source. Selects the interface source of the INTA# signal.
0: PCI - INTA#.
1: LPC - SERIRQ. (Program PMR[14] = 1 and PMR[22] = 1 or LPC_ROM strap = 1 to enable SERIRQ function on ball.)
16
Reserved. Set to 0.
15
IRQ15 Source. Selects the interface source of the IRQ15 signal.
0: ISA - IRQ15. (Program PMR[18] = 0 and PMR[8] = 1 to enable IRQ15 function on ball.)
1: LPC - SERIRQ. (Program PMR[14] = 1 and PMR[22] = 1 or LPC_ROM strap = 1 to enable SERIRQ function on ball.)
14
IRQ14 Source. Selects the interface source of the IRQ14 signal.
0: ISA - IRQ14. (Program PMR[24] = 0 to enable IRQ14 function on ball.)
1: LPC - SERIRQ. (Program PMR[14] = 1 and PMR[22] = 1 or LPC_ROM strap = 1 to enable SERIRQ function on ball.)
13
IRQ13 Source. Selects the interface source of the internal IRQ13 signal.
0: ISA - IRQ13. (Internal signal - An input from the CPU indicating that a floating point error has been detected and that
internal INTR should be asserted.)
1: LPC - SERIRQ. (Program PMR[14] = 1 and PMR[22] = 1 or LPC_ROM strap = 1 to enable SERIRQ function on ball.)
12
IRQ12 Source. Selects the interface source of the IRQ12 signal.
0: ISA - IRQ12. (Unavailable externally.)
1: LPC - SERIRQ (Program PMR[14] = 1 and PMR[22] = 1 or LPC_ROM strap = 1 to enable SERIRQ function on ball.)
11
IRQ11 Source. Selects the interface source of the IRQ11 signal.
0: ISA - IRQ11 (Unavailable externally.)
1: LPC - SERIRQ (Program PMR[14] = 1 and PMR[22] = 1 or LPC_ROM strap = 1 to enable SERIRQ function on ball.)
10
IRQ10 Source. Selects the interface source of the IRQ10 signal.
0: ISA - IRQ10. (Unavailable externally.)
1: LPC - SERIRQ. (Program PMR[14] = 1 and PMR[22] = 1 or LPC_ROM strap = 1 to enable SERIRQ function on ball.)
9
IRQ9 Source. Selects the interface source of the IRQ9 signal.
0: ISA - IRQ9. (Program PMR[24] = 1.)
1: LPC - SERIRQ. (Program PMR[14] = 1 and PMR[22] = 1 or LPC_ROM strap = 1 to enable SERIRQ function on ball.)
8
IRQ8# Source. Selects the interface source of the IRQ8# signal.
0: ISA - IRQ8# (Internal signal - Connected to internal RTC.)
1: LPC - SERIRQ (Program PMR[14] = 1 and PMR[22] = 1 or LPC_ROM strap = 1 to enable SERIRQ function on ball.)
7
IRQ7 Source. Selects the interface source of the IRQ7 signal.
0: ISA - IRQ7. (Unavailable externally.)
1: LPC - SERIRQ. (Program PMR[14] = 1 and PMR[22] = 1 or LPC_ROM strap = 1 to enable SERIRQ function on ball.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com