Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2200 Datasheet(PDF) 236 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 236 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 232Page - National Semiconductor (TI) SC2200 Datasheet HTML 233Page - National Semiconductor (TI) SC2200 Datasheet HTML 234Page - National Semiconductor (TI) SC2200 Datasheet HTML 235Page - National Semiconductor (TI) SC2200 Datasheet HTML 236Page - National Semiconductor (TI) SC2200 Datasheet HTML 237Page - National Semiconductor (TI) SC2200 Datasheet HTML 238Page - National Semiconductor (TI) SC2200 Datasheet HTML 239Page - National Semiconductor (TI) SC2200 Datasheet HTML 240Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 433 page
background image
www.national.com
236
Revision 3.0
Core Logic Module (Continued)
6
IRQ6 Source. Selects the interface source of the IRQ6 signal.
0: ISA - IRQ6. (Unavailable externally.)
1: LPC - SERIRQ. (Program PMR[14] = 1 and PMR[22] = 1 or LPC_ROM strap = 1 to enable SERIRQ function on ball.)
5
IRQ5 Source. Selects the interface source of the IRQ5 signal.
0: ISA - IRQ5. (Unavailable externally.)
1: LPC - SERIRQ. (Program PMR[14] = 1 and PMR[22] = 1 or LPC_ROM strap = 1 to enable SERIRQ function on ball.)
4
IRQ4 Source. Selects the interface source of the IRQ4 signal.
0: ISA - IRQ4. (Unavailable externally.)
1: LPC - SERIRQ. (Program PMR[14] = 1 and PMR[22] = 1 or LPC_ROM strap = 1 to enable SERIRQ function on ball.)
3
IRQ3 Source. Selects the interface source of the IRQ3 signal.
0: ISA - IRQ3. (Unavailable externally.)
1: LPC - SERIRQ. (Program PMR[14] = 1 and PMR[22] = 1 or LPC_ROM strap = 1 to enable SERIRQ function on ball.)
2
Reserved. Must be set to 0.
1
IRQ1 Source. Selects the interface source of the IRQ1 signal.
0: ISA - IRQ1. (Unavailable externally.)
1: LPC - SERIRQ. (Program PMR[14] = 1 and PMR[22] = 1 or LPC_ROM strap = 1 to enable SERIRQ function on ball.)
0
IRQ0 Source. Selects the interface source of the IRQ0 signal.
0: ISA - IRQ0 (Internal signal - Connected to OUT0, System Timer, of the internal 8254 PIT.)
1: LPC - SERIRQ. (Program PMR[14] = 1 and PMR[22] = 1 or LPC_ROM strap = 1 to enable SERIRQ function on ball.)
Offset 04h-07h
SERIRQ_LVL — Serial IRQ Level Control Register (R/W)
Reset Value: 00000000h
31:21
Reserved
20
INTD# Polarity. If LPC is selected as the interface source for INTD# (F0BAR1+I/O Offset 00h[20] = 1), this bit allows signal
polarity selection.
0: Active high.
1: Active low.
19
INTC# Polarity. If LPC is selected as the interface source for INTC# (F0BAR1+I/O Offset 00h[19] = 1), this bit allows signal
polarity selection.
0: Active high.
1: Active low.
18
INTB# Polarity. If LPC is selected as the interface source for INTB# (F0BAR1+I/O Offset 00h[18] = 1), this bit allows signal
polarity selection.
0:
Active high.
1:
Active low.
17
INTA# Polarity. If LPC is selected as the interface source for INTA# (F0BAR1+I/O Offset 00h[17] = 1), this bit allows signal
polarity selection.
0: Active high.
1: Active low.
16
Reserved. Must be set to 0.
15
IRQ15 Polarity. If LPC is selected as the interface source for IRQ15 (F0BAR1+I/O Offset 00h[15] = 1), this bit allows signal
polarity selection.
0: Active high.
1: Active low.
14
IRQ14 Polarity. If LPC is selected as the interface source for IRQ14 (F0BAR1+I/O Offset 00h[14] = 1), this bit allows signal
polarity selection.
0: Active high.
1: Active low.
13
IRQ13 Polarity. If LPC is selected as the interface source for IRQ13 (F0BAR1+I/O Offset 00h[13] = 1), this bit allows signal
polarity selection.
0: Active high.
1: Active low.
Table 5-31. F0BAR1+I/O Offset: LPC Interface Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com