Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2200 Datasheet(PDF) 259 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 259 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 255Page - National Semiconductor (TI) SC2200 Datasheet HTML 256Page - National Semiconductor (TI) SC2200 Datasheet HTML 257Page - National Semiconductor (TI) SC2200 Datasheet HTML 258Page - National Semiconductor (TI) SC2200 Datasheet HTML 259Page - National Semiconductor (TI) SC2200 Datasheet HTML 260Page - National Semiconductor (TI) SC2200 Datasheet HTML 261Page - National Semiconductor (TI) SC2200 Datasheet HTML 262Page - National Semiconductor (TI) SC2200 Datasheet HTML 263Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 433 page
background image
Revision 3.0
259
www.national.com
Core Logic Module (Continued)
3
GPIO_EN. Allow GPIOs (GPIO47-GPIO32 and GPIO15-GPIO0) to generate an SCI.
0: Disable.
1: Enable.
F0BAR0+I/O Offset 08h/18h selects which GPIOs are enabled for PME generation. This bit (GPIO_EN) globally enables
those selected GPIOs for generation of an SCI.
2:1
Reserved. Must be set to 0.
0
PWR_U_REQ_EN. Allow power-up request events from the SuperI/O module to generate an SCI.
0: Disable.
1: Enable.
A power-up request event is defined as any of the following events/activities: Modem, Telephone, Keyboard, Mouse, CEIR
(Consumer Electronic Infrared)
Offset 14h
GPWIO Control Register 1 (R/W)
Reset Value: 00h
7:4
Reserved. Must be set to 0.
3
Reserved.
2
GPWIO2_POL. Select GPWIO2 polarity.
0: Active high
1: Active low
1
GPWIO1_POL. Select GPWIO1 polarity.
0: Active high
1: Active low
0
GPWIO0_POL. Select GPWIO0 polarity.
0: Active high
1: Active low
Offset 15h
GPWIO Control Register 2 (R/W)
Reset Value: 00h
7
Reserved.
6
GPWIO_SMIEN2. Allow GPWIO2 to generate an SMI.
0: Disable. (Default)
1: Enable.
A fixed high-to-low or low-to-high transition (debounce period) of 31 µs exists in order for GPWIO2 to be recognized.
Bit 2 of this register must be set to 0 (input) for GPWIO2 to be able to generate an SMI.
If asserted, this bit overrides the setting of F1BAR1+I/O Offset 12h[10] and its status is reported in F1BAR0+I/O Offset
00h/02h[0].
5
GPWIO_SMIEN1. Allow GPWIO1 to generate an SMI.
0: Disable. (Default)
1: Enable.
See F1BAR1+I/O Offset 07h[3] for debounce information.
Bit 1 of this register must be set to 0 (input) for GPWIO1 to be able to generate an SMI.
If asserted, this bit overrides the setting of F1BAR1+I/O Offset 12h[9] and its status is reported in F1BAR0+I/O Offset
00h/02h[0].
4
GPWIO_SMIEN0. Allow GPWIO0 to generate an SMI.
0: Disable. (Default)
1: Enable.
See F1BAR1+I/O Offset 07h[3] for debounce information.
Bit 0 of this register must be set to 0 (input) for GPWIO0 to be able to generate an SMI.
If enabled, this bit overrides the setting of F1BAR1+I/O Offset 12h[8] and its status is reported in F1BAR0+I/O Offset
00h/02h[0].
3
Reserved.
2
GPWIO2_DIR. Selects the direction of GPWIO2.
0: Input.
1: Output.
Table 5-34. F1BAR1+I/O Offset: ACPI Support Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com