Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2200 Datasheet(PDF) 260 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 260 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 256Page - National Semiconductor (TI) SC2200 Datasheet HTML 257Page - National Semiconductor (TI) SC2200 Datasheet HTML 258Page - National Semiconductor (TI) SC2200 Datasheet HTML 259Page - National Semiconductor (TI) SC2200 Datasheet HTML 260Page - National Semiconductor (TI) SC2200 Datasheet HTML 261Page - National Semiconductor (TI) SC2200 Datasheet HTML 262Page - National Semiconductor (TI) SC2200 Datasheet HTML 263Page - National Semiconductor (TI) SC2200 Datasheet HTML 264Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 260 / 433 page
background image
www.national.com
260
Revision 3.0
Core Logic Module (Continued)
1
GPWIO1_DIR. Selects the direction of GPWIO1.
0: Input.
1: Output.
0
GPWIO0_DIR. Selects the direction of the GPWIO0.
0: Input.
1: Output.
Offset 16h
GPWIO Data Register (R/W)
Reset Value: 00h
This register contains the direct values of the GPWIO2-GPWIO0 pins. Write operations are valid only for bits defined as outputs. Reads
from this register read the last written value if the pin is an output. The pins are configured as inputs or outputs in F1BAR1+I/O Offset
15h.
7:4
Reserved. Must be set to 0.
3
Reserved.
2
GPWIO2_DATA. Reflects the level of GPWIO2.
0: Low.
1: High.
A fixed high-to-low or low-to-high transition (debounce period) of 31 µs exists in order for GPWIO2 to be recognized.
1
GPWIO1_DATA. Reflects the level of GPWIO1.
0: Low.
1: High.
See F1BAR1+I/O Offset 07h[3] for debounce information.
0
GPWIO0_DATA. Reflects the level of GPWIO0.
0: Low.
1: High.
See F1BAR1+I/O Offset 07h[3] for debounce information.
Offset 17h
Reserved
Reset Value: 00h
Offset 18h-1Bh
ACPI SCI_ROUTING Register (R/W)
Reset Value: 00000F00h
31:17
Reserved.
16
PCTL_DELAYEN. Allow staggered delays on the activation and deactivation of the power control pins PWRCNT1,
PWRCNT2, and ONCTL# by 2 msec each.
0: Disable. (Default)
1: Enable.
15:12
Reserved. Must be set to 0.
11
PLVL3_SMIEN. Allow SMI generation when the PLVL3 Register (F1BAR1+I/O Offset 05h) is read.
0: Disable.
1: Enable. (Default)
Top level SMI status is reported at F1BAR0+I/O Offset 00h/02h[2].
Second level SMI status is reported at F1BAR0+I/O Offset 20h/22h[4].
10
Reserved. Must be set to 0.
9
SLP_SMIEN. Allow SMI generation when the SLP_EN bit (F1BAR1+I/O Offset 0Ch[13]) is set.
0: Disable.
1: Enable. (Default)
Top level SMI status is reported at F1BAR0+I/O Offset 00h/02h[2].
Second level SMI status is reported at F1BAR0+I/O Offset 20h/22h[2].
8
THT_SMIEN. Allow SMI generation when the THT_EN bit (F1BAR1+I/O Offset 00h[4]) is set.
0: Disable.
1: Enable. (Default)
Top level SMI status is reported at F1BAR0+I/O Offset 00h/02h[2].
Second level SMI status is reported at F1BAR0+I/O Offset 20h/22h[1].
7:4
Reserved. Must be set to 0.
Table 5-34. F1BAR1+I/O Offset: ACPI Support Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com