Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2200 Datasheet(PDF) 290 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 290 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 286Page - National Semiconductor (TI) SC2200 Datasheet HTML 287Page - National Semiconductor (TI) SC2200 Datasheet HTML 288Page - National Semiconductor (TI) SC2200 Datasheet HTML 289Page - National Semiconductor (TI) SC2200 Datasheet HTML 290Page - National Semiconductor (TI) SC2200 Datasheet HTML 291Page - National Semiconductor (TI) SC2200 Datasheet HTML 292Page - National Semiconductor (TI) SC2200 Datasheet HTML 293Page - National Semiconductor (TI) SC2200 Datasheet HTML 294Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 290 / 433 page
background image
www.national.com
290
Revision 3.0
Core Logic Module (Continued)
Index 14h-2Bh
Reserved
Reset Value: 00h
Index 2Ch-2Dh
Subsystem Vendor ID (RO)
Reset Value: 0E11h
Index 2Eh-2Fh
Subsystem ID (RO)
Reset Value: A0F8h
Index 30h-3Bh
Reserved
Reset Value: 00h
Index 3Ch
Interrupt Line Register (R/W)
Reset Value: 00h
This register identifies the system interrupt controllers to which the device’s interrupt pin is connected. The value of this register is used
by device drivers and has no direct meaning to USB.
Index 3Dh
Interrupt Pin Register (R/W)
Reset Value: 01h
This register selects which interrupt pin the device uses. USB uses INTA# after reset. INTB#, INTC# or INTD# can be selected by writ-
ing 2, 3 or 4, respectively.
Index 3Eh
Min. Grant Register (RO)
Reset Value: 00h
This register specifies how long a burst is needed by the USB, assuming a clock rate of 33 MHz. The value in this register specifies a
period of time in units of 1/4 microsecond.
Index 3Fh
Max. Latency Register (RO)
Reset Value: 50h
This register specifies how often (in units of 1/4 microsecond) the USB needs access to the PCI bus assuming a clock rate of 33 MHz.
Index 40h-43h
ASIC Test Mode Enable Register (R/W)
Reset Value: 000F0000h
Used for internal debug and test purposes only.
Index 44h
ASIC Operational Mode Enable Register (R/W)
Reset Value: 00h
7:1
Write Only. Read as 0s.
0
Data Buffer Region 16
0: The size of the region for the data buffer is 32 bytes.
1: The size of the region for the data buffer is 16 bytes.
Index 45h-FFh
Reserved
Reset Value: 00h
Table 5-41. PCIUSB: USB PCI Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com